Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C54-LPI/SS Datasheet(PDF) 197 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 197 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 193Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 194Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 195Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 196Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 197Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 198Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 199Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 200Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 197
PIC16C5X
Package Type:
K04-079 28-Lead Plastic Dual In-line (P) – 600 mil
* Controlling Parameter.
† Dimension “B1” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B1.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”
0.640
0.567
0.505
1.380
0.115
0.015
0.081
0.160
0.008
0.000
0.040
0.014
MIN
Mold Draft Angle Bottom
Mold Draft Angle Top
Overall Row Spacing
Radius to Radius Width
Molded Package Width
Package Length
Tip to Seating Plane
Base to Seating Plane
Top of Lead to Seating Plane
Top to Seating Plane
Shoulder Radius
Upper Lead Width
Lower Lead Width
PCB Row Spacing
Dimension Limits
Lead Thickness
Number of Pins
Pitch
Units
D‡
β
α
eB
E1
E‡
A
A2
A1
L
c
R
B1†
p
B
n
1.465
1.395
10
10
5
5
0.660
0.577
0.550
0.680
0.587
0.555
15
15
28
0.173
0.125
0.023
0.101
0.012
0.005
0.050
INCHES*
0.600
0.016
0.100
NOM
0.135
0.030
0.121
0.185
0.015
0.010
0.060
0.018
MAX
37.20
35.43
35.05
16.76
14.66
13.97
5
5
16.26
14.40
12.80
10
10
15
15
17.27
14.91
14.10
3.18
0.57
2.55
4.38
0.29
0.13
1.27
0.41
2.54
15.24
NOM
MILLIMETERS
4.06
2.92
0.38
2.04
0.00
0.20
1.02
0.36
MIN
4.70
3.43
0.76
3.06
0.38
0.25
1.52
28
0.46
MAX
n
1
2
R
D
E
c
β
eB
E1
α
p
L
A1
B
A2
A
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com