Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C54-LPI/SS Datasheet(PDF) 213 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 213 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 209Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 210Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 211Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 212Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 213Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 214Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 215Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 216Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 217Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 213 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 213
PIC16C5X
PIC16C5X PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
-XX
X
/XX
XXX
Pattern
Package
Temperature
Range
Frequency
Range
Device
Device
PIC16C5X(2), PIC16C5XT(3)
PIC16LC5X(2), PIC16LC5XT(3)
PIC16CR5X(2), PIC16CR5XT(3)
PIC16LCR5X(2), PIC16LCR5XT(3)
PIC16LV5X(2), PIC16LV5XT(3)
Frequency
Range
02
04
10
20
b(1)
= 2 MHz
= 4 MHz
= 10 MHz
= 20 MHz
= No type for JW(4) devices
Temperature
Range
b(1)
I
E
=0
°C to +70°C (Commercial)
= -40
°C to +85°C (Industrial)
= -40
°C to +125°C (Automotive)
Package
JW
P
SO
SP
SS
= Windowed CERDIP
= PDIP
= SOIC (Gull Wing, 300 mil body)
= Skinny PDIP (28-pin, 300 mil body)
= SSOP (209 mil body)
Pattern
3-digit Pattern Code for QTP, ROM (blank otherwise)
Examples:
a)
PIC16C54A -04/P 301 = Commercial
temp., PDIP package, 4MHz, normal VDD
limitis, QTP pattern #301.
b)
PIC16LC58A - 04I/SO = Industrial temp.,
SOIC package, 4MHz, Extended VDD
limits.
c)
PIC16CR54A - 10I/P355 = ROM program
memory, Industrial temp., PDIP package,
10MHz, normal VDD limits.
Note 1:
b = blank
2:
C
= Standard VDD range
LC
= Extended VDD range
CR = ROM Version, Standard VDD
range
LCR = ROM Version, Extended VDD
range
LV
= Low Voltage VDD range
3:
T = in tape and reel - SOIC, SSOP
packages only.
4:
UV erasable devices are tested to all
available voltage/frequency options.
Erased devices are oscillator type
04. The user can select 04, 10 or 20
oscillators by programmng the appro-
priate configuration bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com