Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC71-04E/SP Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC16LC71-04E/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/SP Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC16LC71-04E/SP Datasheet HTML 105Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 106Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 107Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 108Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 109Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 110Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 111Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 112Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 109
PIC16C71X
Applicable Devices
710 71 711 715
FIGURE 12-25: TYPICAL IDD vs. FREQUENCY
(LP MODE, 25
°C)
FIGURE 12-26: MAXIMUM IDD vs.
FREQUENCY
(LP MODE, 85
°C TO -40°C)
120
100
80
60
40
20
0
0
50
100
150
200
Frequency(kHz)
6.0V
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
120
100
80
60
40
20
0
0
50
100
150
200
Frequency(kHz)
140
6.0V
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
FIGURE 12-27: TYPICAL IDD vs. FREQUENCY
(XT MODE, 25
°C)
FIGURE 12-28: MAXIMUM IDD vs.
FREQUENCY
(XT MODE, -40
°C TO 85°C)
1200
1000
800
600
400
200
0
0.0
0.4
Frequency(MHz)
1400
1600
1800
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
6.0V
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
1200
1000
800
600
400
200
0
0.0
0.4
Frequency(MHz)
1400
1600
1800
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
6.0V
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com