Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994GM Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE42994GM
Description  Extreme Low Current Consumption In ON State
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GM Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE42994GM Datasheet HTML 7Page - Infineon Technologies AG TLE42994GM Datasheet HTML 8Page - Infineon Technologies AG TLE42994GM Datasheet HTML 9Page - Infineon Technologies AG TLE42994GM Datasheet HTML 10Page - Infineon Technologies AG TLE42994GM Datasheet HTML 11Page - Infineon Technologies AG TLE42994GM Datasheet HTML 12Page - Infineon Technologies AG TLE42994GM Datasheet HTML 13Page - Infineon Technologies AG TLE42994GM Datasheet HTML 14Page - Infineon Technologies AG TLE42994GM Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TLE42994
General Product Characteristics
Data Sheet
11
Rev. 1.2, 2014-07-03
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
Table 1
Absolute Maximum Ratings1)
-40 °C ≤
T
j ≤ 150°C; all voltages with respect to ground, positive current flowing into pin (unless otherwise
specified)
1) not subject to production test, specified by design
Parameter
Symbol
Values
Unit
Note / Test Condition Number
Min.
Typ.
Max.
Input I, Enable Input EN, Sense Input SI
Voltage
V
I, VEN, VSI
-40
45
V
P_4.1.1
Output Q, Reset Output RO, Sense Output SO
Voltage
V
Q, VRO, VSO
-0.3
7
V
P_4.1.2
Reset Delay D, Reset Threshold RADJ
Voltage
V
D, VRADJ
-0.3
7
V
P_4.1.3
Temperature
Junction Temperature
T
j
-40
150
°C
P_4.1.4
Storage Temperature
T
stg
-50
150
°C
P_4.1.5
ESD Absorption
ESD Absorption
V
ESD,HBM
-2
2
kV
Human Body Model
(HBM)2)
2) ESD susceptibility Human Body Model “HBM” according to AEC-Q100-002 - JESD22-A114
P_4.1.6
ESD Absorption
V
ESD,CDM
-500
500
V
Charge Device Model
(CDM)3)
3) ESD susceptibility Charged Device Model “CDM” according to ESDA STM5.3.1
P_4.1.7
ESD Absorption
V
ESD,CDM
-750
750
V
Charge Device Model
(CDM)3) at corner pins
P_4.1.8


Similar Part No. - TLE42994GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994GM INFINEON-TLE42994GM Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994V33 INFINEON-TLE42994V33_14 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com