Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994GM Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE42994GM
Description  Extreme Low Current Consumption In ON State
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GM Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE42994GM Datasheet HTML 9Page - Infineon Technologies AG TLE42994GM Datasheet HTML 10Page - Infineon Technologies AG TLE42994GM Datasheet HTML 11Page - Infineon Technologies AG TLE42994GM Datasheet HTML 12Page - Infineon Technologies AG TLE42994GM Datasheet HTML 13Page - Infineon Technologies AG TLE42994GM Datasheet HTML 14Page - Infineon Technologies AG TLE42994GM Datasheet HTML 15Page - Infineon Technologies AG TLE42994GM Datasheet HTML 16Page - Infineon Technologies AG TLE42994GM Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TLE42994
General Product Characteristics
Data Sheet
13
Rev. 1.2, 2014-07-03
4.3
Thermal Resistance
Table 3
Thermal Resistance
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
TLE42994G (PG-DSO-8)
Junction to Soldering Point1)
1) not subject to production test, specified by design
R
thJSP
60
K/W
measured to pin 5
P_4.3.1
Junction to Ambient1)
R
thJA
113
K/W
FR4 2s2p board2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
P_4.3.2
Junction to Ambient1)
R
thJA
185
K/W
FR4 1s0p board, footprint
only3)
3) Specified
R
thJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2 × 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
P_4.3.3
Junction to Ambient1)
R
thJA
142
K/W
FR4 1s0p board, 300mm2
heatsink area on PCB3)
P_4.3.4
Junction to Ambient1)
R
thJA
136
K/W
FR4 1s0p board, 600mm2
heatsink area on PCB3)
P_4.3.5
TLE42994GM (PG-DSO-14)
Junction to Soldering Point1)
R
thJSP
30
K/W
measured to all GND pins
P_4.3.6
Junction to Ambient1)
R
thJA
63
K/W
FR4 2s2p board2)
P_4.3.7
Junction to Ambient1)
R
thJA
112
K/W
FR4 1s0p board, footprint
only3)
P_4.3.8
Junction to Ambient1)
R
thJA
73
K/W
FR4 1s0p board, 300mm2
heatsink area on PCB3)
P_4.3.9
Junction to Ambient1)
R
thJA
65
K/W
FR4 1s0p board, 600mm2
heatsink area on PCB3)
P_4.3.10
TLE42994E (PG-SSOP-14 exposed pad)
Junction to Case1)
R
thJC
10
K/W
P_4.3.11
Junction to Ambient1)
R
thJA
47
K/W
FR4 2s2p board2)
P_4.3.12
Junction to Ambient1)
R
thJA
140
K/W
FR4 1s0p board, footprint
only3)
P_4.3.13
Junction to Ambient1)
R
thJA
63
K/W
FR4 1s0p board, 300mm2
heatsink area on PCB3)
P_4.3.14
Junction to Ambient1)
R
thJA
53
K/W
FR4 1s0p board, 600mm2
heatsink area on PCB3)
P_4.3.15


Similar Part No. - TLE42994GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994GM INFINEON-TLE42994GM Datasheet
543Kb / 30P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 33P
Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994GM

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
Very Low Current Consumption in Sleep Mode
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
Low consumption current
logo
Infineon Technologies A...
TLE42994V33 INFINEON-TLE42994V33_14 Datasheet
1Mb / 33P
Extreme Low Current Consumption In ON State
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
Low current consumption
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
Low current consumption
01.19.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com