Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994GMV33 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE42994GMV33
Description  Extreme Low Current Consumption In ON State
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GMV33 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE42994GMV33 Datasheet HTML 3Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 4Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 5Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 6Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 7Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 8Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 9Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 10Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TLE42994V33
Pin Configuration
Data Sheet
7
Rev. 1.1, 2014-07-03
3.3
Pin Assignment TLE42994EV33 (PG-SSOP-14 Exposed Pad)
Figure 3
Pin Configuration (top view)
3.4
Pin Definitions and Functions TLE42994EV33 (PG-SSOP-14 Exposed Pad)
Pin
Symbol
Function
1RADJ
Reset Threshold Adjust
connect an external voltage divider to adjust reset threshold;
connect to GND for using internal threshold
2, 6
n.c.
not connected
leave open or connect to GND
3D
Reset Delay Timing
connect a ceramic capacitor to GND for adjusting the reset delay time;
leave open if the reset function is not needed
4GND
Ground
connect all pins to PCB and heatsink area
5EN
Enable
high signal enables the regulator;
low signal disables the regulator;
connect to I if the Enable function is not needed
7RO
Reset Output
open collector output; internally linked to the output via a 20kΩ pull-up resistor;
leave open if the reset function is not needed
8SO
Sense Output
open collector output; internally linked to the output via a 20kΩ pull-up resistor;
leave open if the sense comparator is not needed
9, 10, 12
n.c.
not connected
leave open or connect to GND
11
Q
Output
block to GND with a capacitor close to the IC terminals, respecting the values given for
its capacitance
C
Q and ESR in the table “Functional Range” on Page 10
13
I
Input
for compensating line influences, a capacitor to GND close to the IC terminals is
recommended
SI
SO
n.c.
n.c.
Q
n.c.
I
RADJ
RO
n.c.
EN
GND
D
n.c.
1
2
3
4
5
6
7
14
9
10
11
12
13
8
PINCONFIG_SSOP-14.VSD


Similar Part No. - TLE42994GMV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results

Similar Description - TLE42994GMV33

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
Very Low Current Consumption in Sleep Mode
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
Low consumption current
logo
Infineon Technologies A...
TLE42994 INFINEON-TLE42994_14 Datasheet
1Mb / 36P
Extreme Low Current Consumption In ON State
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
Low current consumption
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
Low current consumption
01.19.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com