Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994GMV33 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE42994GMV33
Description  Extreme Low Current Consumption In ON State
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GMV33 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE42994GMV33 Datasheet HTML 13Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 14Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 15Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 16Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 17Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 18Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 19Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 20Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
TLE42994V33
Block Description and Electrical Characteristics
Data Sheet
17
Rev. 1.1, 2014-07-03
5.4
Typical Performance Characteristics Current Consumption
Current Consumption
I
q versus
Output Current
I
Q
Current Consumption
I
q versus
Output Current
I
Q (IQ low)
Current Consumption
I
q versus
Input Voltage
V
I
08_IQ_IQ.VSD
0
1
2
3
4
5
6
0
50
100
150
I Q [mA]
T
j = 150 °C
T
j = 25 °C
V
I = 13.5 V
09_IQ_IQ_IQLOW.VSD
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
0
1020
3040
50
I Q [mA]
T
j = 150 °C
T
j = 25 °C
V
I = 13.5 V
10_IQ_VI.VSD
0
2
4
6
8
10
12
0
102030
40
V I [V]
R LOAD = 100 Ω
R LOAD = 50 kΩ


Similar Part No. - TLE42994GMV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results

Similar Description - TLE42994GMV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994 INFINEON-TLE42994_14 Datasheet
1Mb / 36P
   Extreme Low Current Consumption In ON State
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com