Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994GMV33 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE42994GMV33
Description  Extreme Low Current Consumption In ON State
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GMV33 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE42994GMV33 Datasheet HTML 18Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 19Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 20Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 21Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 22Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 23Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 24Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 25Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Data Sheet
22
Rev. 1.1, 2014-07-03
TLE42994V33
Block Description and Electrical Characteristics
Table 7
Electrical Characteristics Reset Function
V
I = 13.5V, -40°C ≤ Tj ≤ 150 °C, all voltages with respect to ground, positive current flowing into pin (unless
otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Output Undervoltage Reset
Default Output Undervoltage Reset
Switching Thresholds
V
RT
3.00
3.10
3.20
V
V
Q decreasing
P_5.6.1
Output Undervoltage Reset
Headroom
V
RH
50
200
300
mV
P_5.6.2
Output Undervoltage Reset Threshold Adjustment
Reset Adjust
Switching Threshold
V
RADJ,th
1.26
1.36
1.44
V
V
Q > 2.5 V
P_5.6.3
Reset Adjustment Range1)
1)
V
RT is scaled linearly, in case the Reset Switching Threshold is modified
V
RT,range
2.50
3.10
V
P_5.6.4
Reset Output RO
Reset Output Low Voltage
V
RO,low
–0.1
0.4
V
1 V ≤
V
Q VRT
no external
R
RO,ext
P_5.6.5
Reset Output Internal
Pull-up Resistor to
V
Q
R
RO
10
20
40
kΩ
–P_5.6.6
Optional Reset Output External
Pull-up Resistor to
V
Q
R
RO,ext
5.6
kΩ
1V ≤
V
Q VQ ;
V
RT ≤ 0.4 V
P_5.6.7
Reset Delay Timing
Delay Pin Output Voltage
V
D
––
5V
P_5.6.8
Power On Reset Delay Time
t
rd
36
51
60
ms
C
D = 100 nF
Calculated Value:
t
rd = CD * VDU / ID,ch
P_5.6.9
Upper Delay
Switching Threshold
V
DU
1.85
V
P_5.6.10
Lower Delay
Switching Threshold
V
DL
0.50
V
P_5.6.11
Delay Capacitor
Charge Current
I
D,ch
–3.5
–µA
V
D = 1 V
P_5.6.12
Delay Capacitor
Reset Discharge Current
I
D,dch
70
mA
V
D = 1 V
P_5.6.13
Delay Capacitor
Discharge Time
t
rr, d
1.7
3.0
µs
Calculated Value:
t
rr, d = CD*(VDU - VDL)/
I
D,dch
C
D = 100 nF
P_5.6.14
Internal Reset Reaction Time
t
rr, int
–20
25
µs
C
D = 0 nF
2)
2) parameter not subject to production test; specified by design
P_5.6.15
Reset Reaction Time
t
rr, total
21.7
28
µs
Calculated Value:
t
rr, total = trr, int + trr,d
C
D = 100 nF
P_5.6.16


Similar Part No. - TLE42994GMV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results

Similar Description - TLE42994GMV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994 INFINEON-TLE42994_14 Datasheet
1Mb / 36P
   Extreme Low Current Consumption In ON State
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com