Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994GMV33 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE42994GMV33
Description  Extreme Low Current Consumption In ON State
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GMV33 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE42994GMV33 Datasheet HTML 21Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 22Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 23Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 24Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 25Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 26Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 27Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 28Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
TLE42994V33
Block Description and Electrical Characteristics
Data Sheet
25
Rev. 1.1, 2014-07-03
5.9
Typical Performance Characteristics Early Warning
Sense Comparator Output
Sense Output Low Voltage
V
SO,low
–0.1
0.4
V
V
SI < VSI,low
V
I > 4.4 V
no external
R
SO,ext
P_5.8.5
Sense Output Internal
Pull-up Resistor to
V
Q
R
SO
10
20
40
kΩ
P_5.8.6
Optional Sense Output External
Pull-up Resistor to
V
Q
R
SO,ext
5.6
kΩ
V
I > 4.4 V
V
SO ≤ 0.4 V
P_5.8.7
Sense Thresholds
V
SI,high, VSI,low versus
Junction Temperature
T
j
Table 8
Electrical Characteristics Early Warning Function (cont’d)
V
I = 13.5V, -40°C ≤ Tj ≤ 150 °C, all voltages with respect to ground, positive current flowing into pin (unless
otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
15_VSI_TJ.VSD
1
1,05
1,1
1,15
1,2
1,25
1,3
1,35
1,4
1,45
-40
10
60
110
160
T j [°C]
VSI,low
VSI,high


Similar Part No. - TLE42994GMV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results

Similar Description - TLE42994GMV33

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
Very Low Current Consumption in Sleep Mode
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
Low consumption current
logo
Infineon Technologies A...
TLE42994 INFINEON-TLE42994_14 Datasheet
1Mb / 36P
Extreme Low Current Consumption In ON State
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
Low current consumption
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
Low current consumption
01.19.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com