Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN-K-N Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CN-K-N
Description  convex termination with square corners resistor array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CN-K-N Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CN-K-N Datasheet HTML 1Page - KOA Speer Electronics, Inc. CN-K-N Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
85
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
2/23/15
Absolute
Maximum
Working
Voltage
E-24
(J±5%)
Part
Designation
Maximum
Overload
Voltage
(5Secs.Max.)
Operating
Temperature
Range
PowerRating
@70°C
(PerElement)
T.C.R.(ppm/°C)Max.
applications and ratings
CN1E2K
CN1H4N
CN1H2N
CN1FN8K
CN1F8K
CN1E4K
CN1J2K 1/16W
(.063W)
1/32W
(.031W)
25V
50V
50V
12.5V
25V
100V
25V
50V
Rated
Terminal
Temperature
+125°C
–––
–––
-55°C to
+155°C
-55°C to
+125°C
-55°C to
+125°C
±200:R>10Ω
±400:R<10Ω
10Ω - 1MΩ
10Ω - 1MΩ
CN1J4K
DeratingCurve
environmental applications
100
80
60
40
20
-60 -40
0
40 60 80 100
180
70
20
Ambient Temperature
(°C)
0
120
-20
140
-55
160
125
CN1E2K (155°C)
CN1E4K (155°C)
CN1J2K (155°C)
CN1J4K (155°C)
155
CN1H2N (125°C)
CN1H4N (125°C)
CN1F8K (125°C)
100
80
60
40
20
-60
-40
0
40
60
80 100
180
70
20
Terminal Part Temperature
(°C)
0
120
-20
140
-55
160
125
CN1E2K
CN1E4K
CN1J2K
CN1J4K
155
circuit schematic
CN
K/N
convex termination with square corners
resistor array
PerformanceCharacteristics
1/16W
(.063W)
0.25W per package
10Ω - 100kΩ
E-24,E-96
(F±1%)
E-24
(J±5%)
E-24,E-96
(F±1%)
10Ω - 100kΩ
±200:R≥10Ω
±200:R≥10Ω
±100:R≥10Ω
–––
–––
1Ω - 1MΩ
Rated ambient temperature: +70°C
Note that network resistors generate higher heat rather than single flat chip resistor under rated power output
Parameter
Requirement∆R
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C
+25°C/-55°C, +25°C/+125°C
Within regulated
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±2.0%
±0.25%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1.0%
±0.75%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 5 cycles
±1.0%
±0.5%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±1.0%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±0.5%
High Temperature Exposure
+125°C, 100 hours: CN1H2N, CN1H4N, CN1F8K
+155°C, 100 hours: CN1E2K, CN1E4K, CN1J2K, CN1J4K
±1.0%
±0.15%: CN1H2N,
CN1H4N, CN1F8K
+0.25: All others
R1 = R2 = R3 = R4 = R5 = R6 = R7 = R8
R1 R2 R3 R4 R5 R6 R7 R8
R1 = R2 = R3 = R4
R1 R2 R3 R4
R1 R2
R1 = R2
CN1H2N,CN1E2K,
CN1J2K
CN1H4N,CN1E4K,
CN1J4K
CN1F8K,CN1FN8K
CircuitBoard
Application
ResistanceRange
For resistors operated at an ambient temperature
of 70°C or above, a power rating shall be derated
in accordance with the above derating curve.
For resistors operated at a terminal part
temperature of described for each size or
above, a power rating shall be derated in
accordance with the derating curve.
Please refer to “Introduction of the derating
curve based on the terminal part temperature”
on the beginning of our catalog before use.
Vcc
IC
IC


Similar Part No. - CN-K-N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN-KRT KOA-CN-KRT Datasheet
367Kb / 2P
anti sulfuration chip networks
More results

Similar Description - CN-K-N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1H2K KOA-CN1H2K Datasheet
108Kb / 2P
convex termination with square corners resistor array
CN1J4KTTD101J KOA-CN1J4KTTD101J Datasheet
257Kb / 2P
convex termination with square corners resistor array
CN-A KOA-CN-A Datasheet
390Kb / 2P
convex termination with scalloped corners resistor array
CN1J4ATTD101J KOA-CN1J4ATTD101J Datasheet
242Kb / 2P
convex termination with scalloped corners resistor array
CN1J4TTD101J KOA-CN1J4TTD101J Datasheet
260Kb / 2P
concave termination with square corners resistor array
CN2B8TTE102J KOA-CN2B8TTE102J Datasheet
288Kb / 3P
concave termination with square corners resistor array
CN2B4TTE103J KOA-CN2B4TTE103J Datasheet
288Kb / 3P
concave termination with square corners resistor array
CN KOA-CN Datasheet
399Kb / 2P
concave termination with square corners resistor array
logo
Stackpole Electronics, ...
RAVF SEI-RAVF Datasheet
392Kb / 6P
Convex Termination Chip Resistor Array
7/30/2021
logo
List of Unclassifed Man...
RAVF102D ETC2-RAVF102D Datasheet
169Kb / 3P
Convex Termination Chip Resistor Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com