Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17LC44-08/P Datasheet(PDF) 231 Page - Microchip Technology

Part # PIC17LC44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17LC44-08/P Datasheet(HTML) 231 Page - Microchip Technology

Back Button PIC17LC44-08/P Datasheet HTML 227Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 228Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 229Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 230Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 231Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 232Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 233Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 234Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 235Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 231
PIC17C4X
WDT ........................................................................... 99, 103
Clearing the WDT .................................................... 103
Normal Timer ........................................................... 103
Period ....................................................................... 103
Programming Considerations .................................. 103
WDTPS0 ............................................................................ 99
WDTPS1 ............................................................................ 99
WREG ................................................................................ 34
X
XORLW ............................................................................ 141
XORWF ............................................................................ 141
Z
Z ..................................................................................... 9, 36
Zero (Z) ................................................................................ 9
LIST OF EXAMPLES
Example 3-1: Signed Math ..................................................9
Example 3-2: Instruction Pipeline Flow .............................14
Example 5-1: Saving STATUS and WREG in RAM ..........27
Example 6-1: Indirect Addressing......................................40
Example 7-1: Table Write ..................................................46
Example 7-2: Table Read..................................................48
Example 8-1: 8 x 8 Multiply Routine ..................................49
Example 8-2: 8 x 8 Signed Multiply Routine......................49
Example 8-3: 16 x 16 Multiply Routine ..............................50
Example 8-4: 16 x 16 Signed Multiply Routine..................51
Example 9-1: Initializing PORTB .......................................57
Example 9-2: Initializing PORTC .......................................58
Example 9-3: Initializing PORTD .......................................60
Example 9-4: Initializing PORTE .......................................62
Example 9-5: Read Modify Write Instructions on an
I/O Port ........................................................64
Example 11-1: 16-Bit Read .................................................69
Example 11-2: 16-Bit Write..................................................69
Example 12-1: Sequence to Read Capture Registers.........78
Example 12-2: Writing to TMR3 ..........................................80
Example 12-3: Reading from TMR3 ....................................80
Example 13-1: Calculating Baud Rate Error........................86
Example F-1: PIC17C42 to Sleep....................................223
LIST OF FIGURES
Figure 3-1:
PIC17C42 Block Diagram ...........................10
Figure 3-2:
PIC17CR42/42A/43/R43/44 Block
Diagram.......................................................11
Figure 3-3:
Clock/Instruction Cycle................................14
Figure 4-1:
Simplified Block Diagram of On-chip
Reset Circuit................................................15
Figure 4-2:
Time-Out Sequence on Power-Up
(MCLR Tied to VDD) ....................................17
Figure 4-3:
Time-Out Sequence on Power-Up
(MCLR NOT Tied to VDD)............................17
Figure 4-4:
Slow Rise Time (MCLR Tied to VDD) ..........17
Figure 4-5:
Oscillator Start-Up Time ..............................18
Figure 4-6:
Using On-Chip POR ....................................18
Figure 4-7:
Brown-out Protection Circuit 1.....................18
Figure 4-8:
PIC17C42 External Power-On Reset
Circuit (For Slow VDD Power-Up) ................18
Figure 4-9:
Brown-out Protection Circuit 2.....................18
Figure 5-1:
Interrupt Logic .............................................21
Figure 5-2:
INTSTA Register (Address: 07h,
Unbanked)...................................................22
Figure 5-3:
PIE Register (Address: 17h, Bank 1) ..........23
Figure 5-4:
PIR Register (Address: 16h, Bank 1) ..........24
Figure 5-5:
INT Pin / T0CKI Pin Interrupt Timing...........26
Figure 6-1:
Program Memory Map and Stack................29
Figure 6-2:
Memory Map in Different Modes .................30
Figure 6-3:
External Program Memory Access
Waveforms ..................................................31
Figure 6-4:
Typical External Program Memory
Connection Diagram....................................31
Figure 6-5:
PIC17C42 Register File Map.......................33
Figure 6-6:
PIC17CR42/42A/43/R43/44 Register
File Map.......................................................33
Figure 6-7:
ALUSTA Register (Address: 04h,
Unbanked)...................................................36
Figure 6-8:
CPUSTA Register (Address: 06h,
Unbanked)...................................................37
Figure 6-9:
T0STA Register (Address: 05h,
Unbanked)...................................................38
Figure 6-10:
Indirect Addressing......................................39
Figure 6-11:
Program Counter Operation ........................41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com