Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4870 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4870
Description  High Current Boost Regulator with Load Disconnect
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4870 Datasheet(HTML) 7 Page - Micro Linear Corporation

  ML4870 Datasheet HTML 1Page - Micro Linear Corporation ML4870 Datasheet HTML 2Page - Micro Linear Corporation ML4870 Datasheet HTML 3Page - Micro Linear Corporation ML4870 Datasheet HTML 4Page - Micro Linear Corporation ML4870 Datasheet HTML 5Page - Micro Linear Corporation ML4870 Datasheet HTML 6Page - Micro Linear Corporation ML4870 Datasheet HTML 7Page - Micro Linear Corporation ML4870 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ML4870
7
INPUT CAPACITOR
Due to the high input current drawn at startup and
possibly during operation, it is recommended to decouple
the input with a capacitor with a value of 47µF to 100µF.
This filtering prevents the input ripple from affecting the
ML4870 control circuitry, and also improves the
efficiency by reducing the I2R losses during the charge
cycle of the inductor. Again, a low ESR capacitor (such as
tantalum) is recommended.
It is also recommended that low source impedance
batteries be used. Otherwise, the voltage drop across the
source impedance during high input current situations will
cause the ML4870 to fail to start-up or to operate
unreliably. In general, for two cell applications the source
impedance should be less than 200m
W, which means that
small alkaline cells should be avoided.
SHUTDOWN
The input levels of the SHDN pin are CMOS compatible.
To guarantee proper operation, SHDN must be pulled to
within 0.5V of GND or VIN to prevent excessive power
dissipation and possible oscillations. A graph of input
leakage current while in shudown is shown in Figure 6.
LAYOUT
Good layout practices will ensure the proper operation of
the ML4870. Some layout guidelines follow:
• Use adequate ground and power traces or planes
• Keep components as close as possible to the ML4870
• Use short trace lengths from the inductor to the VL1 and
VL2 pins and from the output capacitor to the VOUT pin
• Use a single point ground for the ML4870 PWR GND
pin and the input and output capacitors, and connect
the GND pin to PWR GND using a separate trace
• Separate the ground for the converter circuitry from the
ground of the load circuitry and connect at a single
point
Figure 8. Design Example Schematic Diagram
DEISGN CONSIDERATIONS (Continued)
DESIGN EXAMPLE
In order to design a boost converter using the ML4870,
it is necessary to define the values of a few parameters.
For this example, we have assumed that VIN = 3.0V to
3.6V, VOUT = 5.0V, and IOUT(MAX) = 400mA
First, it must be determined whether the ML4870 is
capable of delivering the output current. This is done
using Equation 1:
I
V
V
mA
OUT MAX
()
.
.
.
.

  -=
0 972
30
50
0 144
439
Next, select an inductor:
As previously mentioned, it is the recommended
inductance is 10µH. Make sure that the peak current
rating of the inductor is at least 1.5A, and that the DC
resistance of the inductor is in the range of 50 to 100m
W.
Finally, the value of the output capacitor is determined
using Equation 3:
C
H
V
F
OUT =
™
=
44 10
50
88
m
m
.
The closest standard value would be a 100µF capacitor
with an ESR rating of 100m
W. If such a low ESR value
cannot be found, two 47µF capacitors in parallel could
also be used.
The complete circuit is shown in Figure 8. As mentioned
previously, the use of an input supply bypass capacitor is
strongly recommended.
ML4870
VOUT
100µF
100µF
VIN
10µH
(SUMIDA CD75)
VL1
VIN
GND
SHDN
PWR GND
NC
VL2
VOUT


Similar Part No. - ML4870

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4871 MICRO-LINEAR-ML4871 Datasheet
237Kb / 9P
   High Current Boost Regulator
ML4871CS-3 MICRO-LINEAR-ML4871CS-3 Datasheet
237Kb / 9P
   High Current Boost Regulator
ML4871CS-5 MICRO-LINEAR-ML4871CS-5 Datasheet
237Kb / 9P
   High Current Boost Regulator
ML4871ES-3 MICRO-LINEAR-ML4871ES-3 Datasheet
237Kb / 9P
   High Current Boost Regulator
ML4871ES-5 MICRO-LINEAR-ML4871ES-5 Datasheet
237Kb / 9P
   High Current Boost Regulator
More results

Similar Description - ML4870

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4869 MICRO-LINEAR-ML4869 Datasheet
200Kb / 8P
   Medium Current Boost Regulator with Load Disconnect
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
   2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
   2 Cell, Adjustable Output Boost Regulator with Load Disconnect
logo
Microchip Technology
MIC2876 MICROCHIP-MIC2876 Datasheet
625Kb / 26P
   4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
06/23/16
MIC2875 MICROCHIP-MIC2875 Datasheet
434Kb / 24P
   4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
07/14/15
logo
Micrel Semiconductor
MIC2875 MICREL-MIC2875 Datasheet
403Kb / 7P
   4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
   High Current Boost Regulator
ML4871 MICRO-LINEAR-ML4871 Datasheet
237Kb / 9P
   High Current Boost Regulator
logo
Texas Instruments
TPS61378-Q1-V01 TI-TPS61378-Q1-V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPS61378-Q1 25-關A Quiescent Current Synchronous Boost Converter with Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com