Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76815-EP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS76815-EP
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76815-EP Datasheet(HTML) 2 Page - Texas Instruments

  TPS76815-EP_15 Datasheet HTML 1Page - Texas Instruments TPS76815-EP_15 Datasheet HTML 2Page - Texas Instruments TPS76815-EP_15 Datasheet HTML 3Page - Texas Instruments TPS76815-EP_15 Datasheet HTML 4Page - Texas Instruments TPS76815-EP_15 Datasheet HTML 5Page - Texas Instruments TPS76815-EP_15 Datasheet HTML 6Page - Texas Instruments TPS76815-EP_15 Datasheet HTML 7Page - Texas Instruments TPS76815-EP_15 Datasheet HTML 8Page - Texas Instruments TPS76815-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS76815EP, TPS76818EP, TPS76825EP, TPS76827EP
TPS76828EP, TPS76830EP TPS76833EP, TPS76850EP, TPS76801EP
FAST TRANSIENT RESPONSE 1A LOW DROPOUT VOLTAGE REGULATORS
SGLS011B − MARCH 2003 − REVISED DECEMBER 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
TA − Free-Air Temperature − °C
−40
0
20
120
103
−60
40
60
80 100
TPS76833
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
102
101
100
10−1
10−2
−20
140
IO = 1 A
IO = 10 mA
IO = 0
Co = 10 µF
t − Time −
µs
LOAD TRANSIENT RESPONSE
1
0.5
300
200
100
400 500
700
600
800 900 1000
0
Co = 10 µF
TA = 25°C
0
0
50
100
−50
−100
ORDERING INFORMATION†
TJ
OUTPUT
VOLTAGE
(V)
PACKAGE‡
ORDERABLE PART
NUMBER
TOP-SIDE
MARKING
J
TYP
NUMBER
MARKING
5.0
TPS76850QPWPREP
76850EP
3.3
TPS76833QPWPREP
76833EP
3.0
TPS76830QPWPREP§
76830EP§
2.8
TPS76828QPWPREP§
76828EP§
−40
°C to 125°C
2.7
TSSOP - PWP
Tape and reel
TPS76827QPWPREP§
76827EP§
−40
°C to 125°C
2.5
TSSOP - PWP
Tape and reel
TPS76825QPWPREP
76825EP
1.8
TPS76818QPWPREP
76818EP
1.5
TPS76815QPWPREP
76815EP
Adjustable
1.2 V to 5.5 V
TPS76801QPWPREP
76801EP
−55
°C to 125°C
Adjustable
1.2 V to 5.5 V
TSSOP - PWP
Tape and reel
TPS76801MPWPREP
76801ME
−55 C to 125 C
5.0
TSSOP - PWP
Tape and reel
TPS76850MPWPREP
76850ME
† For the most current package and ordering information, see the Package Option Addendum at the end of this document, or
see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
§ This device is Product Preview.
The TPS76801 is programmable using an external resistor divider (see application information). The PWP package is
available taped and reeled. Note R suffix to the device type (e.g., TPS76801QPWPREP).


Similar Part No. - TPS76815-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
758Kb / 25P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI1-TPS76815-EP Datasheet
1Mb / 27P
FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76815-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com