Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F72/ML Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC16F72/ML
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72/ML Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC16F72/ML Datasheet HTML 101Page - Microchip Technology PIC16F72/ML Datasheet HTML 102Page - Microchip Technology PIC16F72/ML Datasheet HTML 103Page - Microchip Technology PIC16F72/ML Datasheet HTML 104Page - Microchip Technology PIC16F72/ML Datasheet HTML 105Page - Microchip Technology PIC16F72/ML Datasheet HTML 106Page - Microchip Technology PIC16F72/ML Datasheet HTML 107Page - Microchip Technology PIC16F72/ML Datasheet HTML 108Page - Microchip Technology PIC16F72/ML Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 103
PIC16F72
TABLE 14-8:
I2C BUS DATA REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
100*
THIGH
Clock High Time
100 kHz mode
4.0
µs
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
0.6
µs
Device must operate at a
minimum of 10 MHz
SSP Module
1.5 TCY
101*
TLOW
Clock Low Time
100 kHz mode
4.7
µs
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
1.3
µs
Device must operate at a
minimum of 10 MHz
SSP Module
1.5 TCY
102*
TR
SDA and SCL Rise
Time
100 kHz mode
1000
ns
400 kHz mode
20 + 0.1 CB
300
ns
CB is specified to be from
10 - 400 pF
103*
TF
SDA and SCL Fall
Time
100 kHz mode
300
ns
400 kHz mode
20 + 0.1 CB
300
ns
CB is specified to be from
10 - 400 pF
90*
TSU:STA
START Condition
Setup Time
100 kHz mode
4.7
µs
Only relevant for
Repeated START
condition
400 kHz mode
0.6
µs
91*
THD:STA
START Condition
Hold Time
100 kHz mode
4.0
µs
After this period, the first
clock pulse is generated
400 kHz mode
0.6
µs
106*
THD:DAT
Data Input Hold
Time
100 kHz mode
0
ns
400 kHz mode
0
0.9
µs
107*
TSU:DAT
Data Input Setup
Time
100 kHz mode
250
ns
(Note 2)
400 kHz mode
100
ns
92*
TSU:STO
STOP Condition
Setup Time
100 kHz mode
4.7
µs
400 kHz mode
0.6
µs
109*
TAA
Output Valid from
Clock
100 kHz mode
3500
ns
(Note 1)
400 kHz mode
——
ns
110*
TBUF
Bus Free Time
100 kHz mode
4.7
µs
Time the bus must be free
before a new transmission
can start
400 kHz mode
1.3
µs
CB
Bus Capacitive Loading
400
pF
*
These parameters are characterized but not tested.
Note 1: As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(min. 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
2: A Fast mode (400 kHz) I2C bus device can be used in a Standard mode (100 kHz) I2C bus system, but the
requirement TSU:DAT
≥ 250 ns must then be met. This will automatically be the case if the device does not
stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal,
it must output the next data bit to the SDA line TR max.+TSU:DAT = 1000 + 250 = 1250 ns (according to the
Standard mode I2C bus specification), before the SCL line is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com