Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F72/ML Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC16F72/ML
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72/ML Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC16F72/ML Datasheet HTML 127Page - Microchip Technology PIC16F72/ML Datasheet HTML 128Page - Microchip Technology PIC16F72/ML Datasheet HTML 129Page - Microchip Technology PIC16F72/ML Datasheet HTML 130Page - Microchip Technology PIC16F72/ML Datasheet HTML 131Page - Microchip Technology PIC16F72/ML Datasheet HTML 132Page - Microchip Technology PIC16F72/ML Datasheet HTML 133Page - Microchip Technology PIC16F72/ML Datasheet HTML 134Page - Microchip Technology PIC16F72/ML Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 129
PIC16F72
Timing Diagrams
A/D Conversion ......................................................... 105
Brown-out Reset ......................................................... 96
Capture/Compare/PWM (CCP1)................................. 98
CLKO and I/O ............................................................. 95
External Clock............................................................. 94
I2C Bus Data ............................................................. 102
I2C Bus START/STOP bits........................................ 101
I2C Reception (7-bit Address) ..................................... 50
I2C Transmission (7-bit Address) ................................ 50
RESET, Watchdog Timer, Oscillator Start-up Timer
and Power-up Timer............................................... 96
Slow Rise Time (MCLR Tied to VDD Through
RC Network)........................................................... 68
SPI Master Mode ........................................................ 47
SPI Master Mode (CKE = 0, SMP = 0) ....................... 99
SPI Master Mode (CKE = 1, SMP = 1) ....................... 99
SPI Slave Mode (CKE = 0) ................................. 47, 100
SPI Slave Mode (CKE = 1) ................................. 47, 100
Time-out Sequence on Power-up (MCLR Tied to
VDD Through Pull-up Resistor)............................... 67
Time-out Sequence on Power-up (MCLR Tied to
VDD Through RC Network): Case 1 ....................... 67
Time-out Sequence on Power-up (MCLR Tied to
VDD Through RC Network): Case 2 ....................... 67
Timer0 and Timer1 External Clock.............................. 97
Wake-up from SLEEP through Interrupt ..................... 72
Timing Parameter Symbology............................................. 93
TMR1H Register ................................................................... 9
TMR1L Register .................................................................... 9
TMR2 Register ...................................................................... 9
TMR2ON bit ........................................................................ 36
TOUTPS0 bit....................................................................... 36
TOUTPS1 bit....................................................................... 36
TOUTPS2 bit....................................................................... 36
TOUTPS3 bit....................................................................... 36
TRISA Register ............................................................. 10, 21
TRISB Register ............................................................. 10, 23
TRISC Register ............................................................. 10, 25
U
UA....................................................................................... 44
Update Address bit, UA ...................................................... 44
W
Wake-up from SLEEP................................................... 59, 71
Interrupts .............................................................. 65, 66
MCLR Reset ............................................................... 66
WDT Reset ................................................................. 66
Watchdog Timer (WDT)................................................ 59, 70
Associated Registers.................................................. 70
Enable (WDTEN bit) ................................................... 70
Postscaler. See Postscaler, WDT
Programming Considerations ..................................... 70
RC Oscillator .............................................................. 70
Time-out Period .......................................................... 70
WDT Reset, Normal Operation....................... 62, 65, 66
WDT Reset, SLEEP ....................................... 62, 65, 66
WCOL ................................................................................. 45
Write Collision Detect bit, WCOL........................................ 45
WWW, On-Line Support ....................................................... 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com