Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1027P Datasheet(PDF) 6 Page - AUK corp

Part # SL1027P
Description  DUAL PREAMPLIFIER WITH ALC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL1027P Datasheet(HTML) 6 Page - AUK corp

  SL1027P Datasheet HTML 1Page - AUK corp SL1027P Datasheet HTML 2Page - AUK corp SL1027P Datasheet HTML 3Page - AUK corp SL1027P Datasheet HTML 4Page - AUK corp SL1027P Datasheet HTML 5Page - AUK corp SL1027P Datasheet HTML 6Page - AUK corp SL1027P Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
KSI-W021-000
6
Typical Performance Characteristics
SL1027P
G VO - f
Fr e q u e n c y f (Hz )
2
20
60
40
100
80
35 100 2 3 5 1K
2 35 10K 2 3 5100K
V cc=5V
R L=10K
CNF =470u F
2 3 5 100 2 3 5 1K
2 3 5 10K 2 3 5 100K
Fr e q u e n c y f (Hz )
20
60
40
100
80
0
G V - f
Vc c =5V
R g =600
Gv
FLA T
NA B
THD,G v o -V c c
S u p p l y Vo l t a g e Vc c (V)
10
8
6
4
214
12
10
8
6
4
2
0
f=1KHz
Vo =0d B
CNF =470u F
Gv o
R L=10K
680
R L=10K
680
THD
100
80
60
40
I CCQ-V c c
S u p p l y V o l t a g e V cc(V )
10
8
6
4
214
12
16
0
10
8
6
4
2
0
12
14
Rg =0
R L=10K
THD-V o
O u t p u t V o l t a ge V o(V )
7
5
3
22
1.0
3
0.1
5
3
2
0.1
7
5
7
1.0
2
Vc c =5V
R L=10K
G v =40d B/1KHz
100Hz
1KHz
10KHz
In p u t V o l t a g e V IN (V )
-40
-50
-60
-70
-80
-20
-30
-10
5
3
2
7
1.0
2
3
5
7
0.1
5
3
2
7
1.0
2
3
5
f=1KHz
R L=680
5V
6V
Vo
V cc=4V
6V
5V
Vc c =4V
AD,V o -V IN


Similar Part No. - SL1027P

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1027P AUK-SL1027P Datasheet
267Kb / 8P
DUAL PREAMPLIFIER WITH ALC
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
DUAL PREAMPLIFIER WITH ALC
More results

Similar Description - SL1027P

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
Dual preamplifier with ALC
logo
AUK corp
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
DUAL PREAMPLIFIER WITH ALC
logo
Daewoo Semiconductor
DBL1027 DAEWOO-DBL1027 Datasheet
299Kb / 6P
DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3311L ROHM-BA3311L Datasheet
64Kb / 4P
Dual preamplifier with ALC
logo
Unisonic Technologies
BA3308 UTC-BA3308 Datasheet
127Kb / 8P
DUAL PREAMPLIFIER WITH ALC
BA3308 UTC-BA3308_11 Datasheet
179Kb / 4P
DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3306 ROHM-BA3306 Datasheet
95Kb / 5P
Dual preamplifier with ALC
logo
Mitsubishi Electric Sem...
M51545P MITSUBISHI-M51545P Datasheet
280Kb / 4P
3V DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3313L ROHM-BA3313L Datasheet
66Kb / 5P
Dual preamplifier with ALC detector circuit
BA3314F ROHM-BA3314F Datasheet
66Kb / 4P
Dual preamplifier with ALC detector circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com