Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1027P Datasheet(PDF) 1 Page - AUK corp

Part # SL1027P
Description  DUAL PREAMPLIFIER WITH ALC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL1027P Datasheet(HTML) 1 Page - AUK corp

  SL1027P Datasheet HTML 1Page - AUK corp SL1027P Datasheet HTML 2Page - AUK corp SL1027P Datasheet HTML 3Page - AUK corp SL1027P Datasheet HTML 4Page - AUK corp SL1027P Datasheet HTML 5Page - AUK corp SL1027P Datasheet HTML 6Page - AUK corp SL1027P Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
KSI-W021-000
1
SL1027P
DUAL PREAMPLIFIER WITH ALC
Description
• The SL1027P is a monolithic integrated circuit consisting of two independent preamplifier
with two built-in ALC, and it has quick stabilization during power supply input.
Features
• High voltage gain
• Excellent channel separation
• Low noise
• Direct motor drive obtained through SEPP output stage.
• Good ALC channel balance
• Operating supply voltage range : VCC = 5V ~13V
• Load resistance : RL > 680Ω
Application
• Stereo radio cassettes
Ordering Information
Type NO.
Marking
Package Code
SL1027P
SL1027
DIP14
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr


Similar Part No. - SL1027P

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1027P AUK-SL1027P Datasheet
267Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
More results

Similar Description - SL1027P

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
   Dual preamplifier with ALC
logo
AUK corp
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
logo
Daewoo Semiconductor
DBL1027 DAEWOO-DBL1027 Datasheet
299Kb / 6P
   DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3311L ROHM-BA3311L Datasheet
64Kb / 4P
   Dual preamplifier with ALC
logo
Unisonic Technologies
BA3308 UTC-BA3308 Datasheet
127Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
BA3308 UTC-BA3308_11 Datasheet
179Kb / 4P
   DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3306 ROHM-BA3306 Datasheet
95Kb / 5P
   Dual preamplifier with ALC
logo
Mitsubishi Electric Sem...
M51545P MITSUBISHI-M51545P Datasheet
280Kb / 4P
   3V DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3313L ROHM-BA3313L Datasheet
66Kb / 5P
   Dual preamplifier with ALC detector circuit
BA3314F ROHM-BA3314F Datasheet
66Kb / 4P
   Dual preamplifier with ALC detector circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com