Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LD
Description  General-Purpose I2S Input Class-D Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5760LD Datasheet HTML 2Page - Texas Instruments TAS5760LD Datasheet HTML 3Page - Texas Instruments TAS5760LD Datasheet HTML 4Page - Texas Instruments TAS5760LD Datasheet HTML 5Page - Texas Instruments TAS5760LD Datasheet HTML 6Page - Texas Instruments TAS5760LD Datasheet HTML 7Page - Texas Instruments TAS5760LD Datasheet HTML 8Page - Texas Instruments TAS5760LD Datasheet HTML 9Page - Texas Instruments TAS5760LD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
TAS5760LD
SLOS781A – JULY 2013 – REVISED JULY 2015
www.ti.com
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
RHP
Headphone Load
16
Ω
RLD
Line Driver Load
1
Ω
RSPK (BTL)
Minimum Speaker Load in BTL Mode
4
Ω
RSPK (PBTL)
Minimum Speaker Load in PBTL Mode
2
Ω
7.4 Thermal Information
TAS5760LD
THERMAL METRIC(1)
DCA [HTSSOP]
DCA [HTSSOP]
UNIT
48 PIN(2)
48 PIN(3)
θJA
Junction-to-ambient thermal resistance
60.3
30.2
°C/W
θJC(top)
Junction-to-case (top) thermal resistance
16
14.3
°C/W
θJB
Junction-to-board thermal resistance
12
12.7
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.6
°C/W
ψJB
Junction-to-board characterization parameter
11.9
12.7
°C/W
θJC(bottom)
Junction-to-case (bottom) thermal resistance
0.8
0.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
JEDEC Standard 2 Layer Board
(3)
JEDEC Standard 4 Layer Board
7.5 Digital I/O Pins
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Logic HIGH threshold for DVDD
All digital pins except for
VIH1
70
%DVDD
Referenced Digital Inputs
DR_MUTE
Input Logic LOW threshold for DVDD
All digital pins except for
VIL1
30
%DVDD
Referenced Digital Inputs
DR_MUTE
All digital pins except for
IIH1
Input Logic HIGH Current Level
15
µA
DR_MUTE
All digital pins except for
IIL1
Input Logic LOW Current Level
–15
µA
DR_MUTE
VOH
Output Logic HIGH Voltage Level
IOH = 2 mA
90
%DVDD
VOL
Output Logic LOW Voltage Level
IOH = -2 mA
10
%DVDD
Input Logic HIGH threshold for DRVDD
VIH2
For DR_MUTE Pin
60
%DRVDD
Referenced Digital Inputs
Input Logic LOW threshold for DRVDD
VIL2
For DR_MUTE Pin
40
%DRVDD
Referenced Digital Inputs
IIH2
Input Logic HIGH Current Level
For DR_MUTE Pin
1
µA
IIL2
Input Logic LOW Current Level
For DR_MUTE Pin
–1
µA
7.6 Master Clock
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DMCLK
Allowable MCLK Duty Cycle
45%
50%
55%
MCLK Input Frequency
25
MHz
Supported single-speed MCLK
Values: 64, 128, 192, 256, 384,
64
512
fMCLK
Frequencies
and 512
x fs
Supported double-speed MCLK
Values: 64, 128, and 256
64
256
Frequencies
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760LD


Similar Part No. - TAS5760LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LDAP TI1-TAS5760LDAP Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDAPR TI1-TAS5760LDAPR Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDCA TI1-TAS5760LDCA Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDCAR TI1-TAS5760LDCAR Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com