Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 21Page - Texas Instruments TAS5760LDAPR Datasheet HTML 22Page - Texas Instruments TAS5760LDAPR Datasheet HTML 23Page - Texas Instruments TAS5760LDAPR Datasheet HTML 24Page - Texas Instruments TAS5760LDAPR Datasheet HTML 25Page - Texas Instruments TAS5760LDAPR Datasheet HTML 26Page - Texas Instruments TAS5760LDAPR Datasheet HTML 27Page - Texas Instruments TAS5760LDAPR Datasheet HTML 28Page - Texas Instruments TAS5760LDAPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
Feature Description (continued)
As mentioned previously, the audio signature of the amplifier when the digital clipper is active is very smooth,
owing to its place in the signal chain. Figure 40 shows the typical behavior of the clipping events.
Figure 40. Digital Clipper Example Waveform for Various Settings of Digital Clip Level [19:0]
It is important to note that the actual signal developed across the speaker will be determined not only by the
digital clipper, but also the analog gain of the amplifier. Depending on the analog gain settings and the PVDD
level applied, clipping could occur as a result of the voltage swing that is determined by the gain being larger
than the available PVDD supply rail. The gain structures are discussed in detail below for both Hardware Control
Mode and Software Control Mode.
9.3.2.5 Closed-Loop Class-D Amplifier
Following the digital clipper, the interpolated audio data is next sent to the Closed-Loop Class-D amplifier, whose
first stage is Digital to PWM Conversion (DPC) block. In this block, the stereo audio data is translated into two
pairs of complimentary pulse width modulated (PWM) signals which are used to drive the outputs of the speaker
amplifer. Feedback loops around the DPC ensure constant gain across supply voltages, reduce distortion, and
increase immunity to power supply injected noise and distortion. The analog gain is also applied in the Class-D
amplifier section of the device. The gain structures are discussed in detail below for both Hardware Control Mode
and Software Control Mode.
The switching rate of the amplifier is configurable in both Hardware Control Mode and Software Control Mode. In
both cases, the PWM switching frequency is a multiple of the sample rate. This behavior is described in the
respective Hardware Control Mode and Software Control Mode sections below.
9.3.3 Speaker Amplifier Protection Suite
The speaker amplifier in the TAS5760L includes a robust suite of error handling and protection features. It is
protected against Over-Current, Under-Voltage, Over-Voltage, Over-Temperature, DC, and Clock Errors. The
status of these errors is reported via the SPK_FAULT pin and the appropriate error status register in the I²C
Control Port. The error or handling behavior of the device is characterized as being either "Latching" or "Non-
Latching" depending on what is required to clear the fault and resume normal operation (that is playback of
audio).
For latching errors, the SPK_SD pin or the SPK_SD bit in the control port must be toggled in order to clear the
error and resume normal operation. If the error is still present when the SPK_SD pin or bit transitions from LOW
back to HIGH, the device will again detect the error and enter into a fault state resulting in the error status bit
being set in the control port and the SPK_FAULT line being pulled LOW. If the error has been cleared (for
example, the temperature of the device has decreased below the error threshold) the device will attempt to
resume normal operation after the SPK_SD pin or bit is toggled and the required fault time out period
(TSPK_FAULT ) has passed. If the error is still present, the device will once again enter a fault state and must be
placed into and brought back out of shutdown in order to attempt to clear the error.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TAS5760L


Similar Part No. - TAS5760LDAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760LDDCA TI1-TAS5760LDDCA Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760LDDCAR TI1-TAS5760LDDCAR Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
More results

Similar Description - TAS5760LDAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com