Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 22Page - Texas Instruments TAS5760LDAPR Datasheet HTML 23Page - Texas Instruments TAS5760LDAPR Datasheet HTML 24Page - Texas Instruments TAS5760LDAPR Datasheet HTML 25Page - Texas Instruments TAS5760LDAPR Datasheet HTML 26Page - Texas Instruments TAS5760LDAPR Datasheet HTML 27Page - Texas Instruments TAS5760LDAPR Datasheet HTML 28Page - Texas Instruments TAS5760LDAPR Datasheet HTML 29Page - Texas Instruments TAS5760LDAPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
Feature Description (continued)
For non-latching errors, the device will automatically resume normal operation (that is playback) once the error
has been cleared. The non-latching errors, with the exception of clock errors will not cause the SPK_FAULT line
to be pulled LOW. It is not necessary to toggle the SPK_SD pin or bit in order to clear the error and resume
normal operation for non-latching errors. Table 1 details the types of errors protected by the TAS5760L's
Protection Suite and how each are handled.
9.3.3.1 Speaker Amplifier Fault Notification (SPK_FAULT Pin)
In both hardware and Software Control mode, the SPK_FAULT pin of the TAS5760L serves as a fault indicator
to notify the system that a fault has occurred with the speaker amplifier by being actively pulled LOW. This pin is
an open-drain output pin and, unless one is provided internal to the receiver, requires an external pullup to set
the net to a known value. The behavior of this pin varies based upon the type of error which has occurred.
In the case of a latching error, the fault line will remain LOW until such time that the TAS5760L has resumed
normal operation (that is the SPK_SD pin has been toggled and TSPK_FAULT has passed).
With the exception of clock errors, non-latching errors will not cause the SPK_FAULT pin to be pulled LOW.
Once a non-latching error has been cleared, normal operation will resume. For clocking errors, the SPK_FAULT
line will be pulled LOW, but upon clearing of the clock error normal operation will resume automatically, that is,
with no TSPK_FAULT delay.
One method which can be used to convert a latching error into an auto-recovered, non-latching error is to
connect the SPK_FAULT pin to the SPK_SD pin. In this way, a fault condition will automatically toggle the
SPK_SD pin when the SPK_FAULT pin goes LOW and returns HIGH after the TSPK_FAULT period has passed.
Table 1. Protection Suite Error Handling Summary
ERROR
CAUSE
FAULT TYPE
ERROR IS CLEARED BY:
Non-Latching
Overvoltage Error
PVDD level rises above that specified by
(SPK_FAULT
PVDD level returning below OVETHRES(PVDD)
(OVE)
OVERTHRES(PVDD)
Pin is not pulled
LOW)
Non-Latching
Undervoltage Error
PVDD voltage level drops below that
(SPK_FAULT
PVDD level returning above UVETHRES(PVDD)
(UVE)
specified by UVEFTHRES(SPK)
Pin is not pulled
LOW)
One or more of the following errors has
occured:
Non-Latching
1.
Non-Supported
MCLK
to
LRCK
Clock Error
(SPK_FAULT
Clocks returning to valid state
and/or SCLK to LRCK Ratio
(CLKE)
Pin is pulled
LOW)
2.
Non-Supported MCLK or LRCK rate
3.
MCLK, SCLK, or LRCK has stopped
Speaker Amplifier output current has
Overcurrent Error
TSPK_FAULT has passed AND SPK_SD Pin or Bit
increased above the level specified by
Latching
(OCE)
Toggle
OCETHRES
DC offset voltage on the speaker
DC Detect Error
TSPK_FAULT has passed AND SPK_SD Pin or Bit
amplifier output has increased above the
Latching
(DCE)
Toggle
level specified by the DCETHRES
TSPK_FAULT has passed AND SPK_SD Pin or Bit
The temperature of the die has increased
Overtemperature Error
Toggle AND the temperature of the device has
above the level specified by the
Latching
(OTE)
reached a level below that which is dictated by the
OTETHRES
OTEHYST specification
9.3.3.2 DC Detect Protection
The TAS5760L has circuitry which will protect the speakers from DC current which might occur due to an internal
amplifier error. The device behavior in response to a DCE event is detailed in the table in the previous section.
A DCE event occurs when the output differential duty-cycle of either channel exceeds 60% for more than 420
msec at the same polarity. The table below shows some examples of the typical DCE Protection threshold for
several values of the supply voltage. This feature protects the speaker from large DC currents or AC currents
less than 2 Hz.
26
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760L


Similar Part No. - TAS5760LDAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDDCA TI1-TAS5760LDDCA Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDDCAR TI1-TAS5760LDDCAR Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
More results

Similar Description - TAS5760LDAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com