Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1162 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC1162
Description  9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1162 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC1162 Datasheet HTML 3Page - Analog Devices HMC1162 Datasheet HTML 4Page - Analog Devices HMC1162 Datasheet HTML 5Page - Analog Devices HMC1162 Datasheet HTML 6Page - Analog Devices HMC1162 Datasheet HTML 7Page - Analog Devices HMC1162 Datasheet HTML 8Page - Analog Devices HMC1162 Datasheet HTML 9Page - Analog Devices HMC1162 Datasheet HTML 10Page - Analog Devices HMC1162 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
HMC1162
Rev. A | Page 7 of 11
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. Output Frequency vs. Tuning Voltage
Figure 9. Output Power vs. Tuning Voltage
Figure 10. Sensitivity vs. Tuning Voltage
Figure 11. Supply Current vs. Tuning Voltage
Figure 12. RFOUT/2 Output Frequency vs. Tuning Voltage
Figure 13. RFOUT/2 Output Power vs. Tuning Voltage
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
–40°C
+25°C
+85°C
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
–40°C
+85°C
+25°C
0
100
200
300
400
500
600
700
800
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
–40°C
+25°C
+85°C
180
190
200
210
220
230
240
250
260
270
280
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
–40°C
+85°C
+25°C
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
–40°C
+85°C
+25°C
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
–40°C
+85°C
+25°C


Similar Part No. - HMC1162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5E AD-HMC1161LP5E Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5ETR AD-HMC1161LP5ETR Datasheet
327Kb / 12P
   Dual output frequency range
HMC1163 AD-HMC1163 Datasheet
256Kb / 12P
   9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
More results

Similar Description - HMC1162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1164 AD-HMC1164 Datasheet
233Kb / 10P
   10.38 GHz to 11.30 GHz MMIC VCO with Half Frequency Output
REV. 0
HMC1169 AD-HMC1169 Datasheet
233Kb / 12P
   12.92 GHz to 14.07 GHz MMIC VCO with Half Frequency Output
HMC1167 AD-HMC1167 Datasheet
197Kb / 12P
   12.17 GHz to 13.33 GHz MMIC VCO with Half Frequency Output
HMC1163 AD-HMC1163 Datasheet
256Kb / 12P
   9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
HMC1166 AD-HMC1166 Datasheet
270Kb / 12P
   11.41 GHz to 12.62 GHz MMIC VCO with Half Frequency Output
HMC1168 AD-HMC1168 Datasheet
320Kb / 12P
   12.47 GHz to 13.72 GHz MMIC VCO with Half Frequency Output
HMC510LP5 AD-HMC510LP5 Datasheet
376Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 8.45 - 9.55 GHz
HMC512LP5 AD-HMC512LP5 Datasheet
381Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com