Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1472 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # UM1472
Description  Discovery kit for STM32F407/417 lines
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UM1472 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button UM1472 Datasheet HTML 7Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 8Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 9Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 10Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 11Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 12Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 13Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 14Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DocID022256 Rev 4
11/42
UM1472
Hardware and layout
41
4.1
STM32F407VGT6 microcontroller
This ARM Cortex-M4 32-bit MCU with FPU has 210 DMIPS, up to 1 MB Flash/192+4 KB
RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces and a camera.
Figure 5. STM32F407VGT6 package
This device provides the following benefits.
168 MHz/210 DMIPS Cortex-M4 with single cycle DSP MAC and floating point unit
providing:
Boosted execution of control algorithms
More features possible for your applications
Ease of use
Better code efficiency
Faster time to market
Elimination of scaling and saturation
Easier support for meta-language tools
Designed for high performance and ultra fast data transfers; ART Accelerator, 32-bit, 7-
layer AHB bus matrix with 7 masters and 8 slaves including 2 blocks of SRAM, Multi
DMA controllers: 2 general purpose, 1 for USB HS, 1 for Ethernet, One SRAM block
dedicated to the core, providing performance equivalent to 0-wait execution from Flash
Concurrent execution and data transfers and simplified resource allocation
Outstanding power efficiency; Ultra-low dynamic power, RTC <1 μA typical in VBAT
mode, 3.6 V down to 1.7 V VDD, Voltage regulator with power scaling capability,
providing extra flexibility to reduce power consumption for applications requiring both
high processing and low power performance when running at low voltage or on a
rechargeable battery
Maximum integration: Up to 1 Mbyte of on-chip Flash memory, 192 Kbytes of SRAM,
reset circuit, internal RCs, PLLs, WLCSP package available, providing more features in
space constrained applications
Superior and innovative peripherals providing new possibilities to connect and
communicate high speed data and more precision due to high resolution
Extensive tools and software solutions providing a wide choice within the STM32
ecosystem to develop your applications.


Similar Part No. - UM1472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
UM1479 STMICROELECTRONICS-UM1479 Datasheet
3Mb / 28P
The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
More results

Similar Description - UM1472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
November 2012
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
November 2014 Rev 1
32F3348DISCOVERY STMICROELECTRONICS-32F3348DISCOVERY Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
January 2016 Rev 3
32F072BDISCOVERY STMICROELECTRONICS-32F072BDISCOVERY Datasheet
233Kb / 5P
Discovery kit for STM32F072xx microcontrollers
March 2020 Rev 4
32L0538DISCOVERY STMICROELECTRONICS-32L0538DISCOVERY Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
January 2016 Rev 3
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
Discovery kit for STM8A microcontrollers
November 2012 Rev 1
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
32F0308DISCOVERY STMICROELECTRONICS-32F0308DISCOVERY Datasheet
295Kb / 3P
Discovery kit for STM32F030 Value Line
September 2014 Rev 2
32L100CDISCOVERY STMICROELECTRONICS-32L100CDISCOVERY Datasheet
293Kb / 3P
Discovery kit for STM32L100 Value Line
September 2014 Rev 2
UM1919 STMICROELECTRONICS-UM1919 Datasheet
3Mb / 37P
STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com