Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1472 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # UM1472
Description  Discovery kit for STM32F407/417 lines
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UM1472 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button UM1472 Datasheet HTML 11Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 12Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 13Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 14Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 15Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 16Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 17Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 18Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
DocID022256 Rev 4
15/42
UM1472
Hardware and layout
41
4.2.2
Using ST-LINK/V2 to program/debug an external STM32 application
It is very easy to use the ST-LINK/V2 to program the STM32 on an external application.
Simply remove the 2 jumpers from CN3 as shown in Figure 9, and connect your application
to the CN2 debug connector according to Table 3.
Note:
SB11 must be OFF if you use CN2 pin 5 in your external application.
Figure 9. ST-Link connections image
Table 3. Debug connector CN2 (SWD)
Pin
CN2
Designation
1
VDD_TARGET
VDD from application
2
SWCLK
SWD clock
3
GND
Ground
4
SWDIO
SWD data input/output
5
NRST
RESET of target MCU
6
SWO
Reserved


Similar Part No. - UM1472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
UM1479 STMICROELECTRONICS-UM1479 Datasheet
3Mb / 28P
The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
More results

Similar Description - UM1472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
November 2012
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
November 2014 Rev 1
32F3348DISCOVERY STMICROELECTRONICS-32F3348DISCOVERY Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
January 2016 Rev 3
32F072BDISCOVERY STMICROELECTRONICS-32F072BDISCOVERY Datasheet
233Kb / 5P
Discovery kit for STM32F072xx microcontrollers
March 2020 Rev 4
32L0538DISCOVERY STMICROELECTRONICS-32L0538DISCOVERY Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
January 2016 Rev 3
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
Discovery kit for STM8A microcontrollers
November 2012 Rev 1
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
32F0308DISCOVERY STMICROELECTRONICS-32F0308DISCOVERY Datasheet
295Kb / 3P
Discovery kit for STM32F030 Value Line
September 2014 Rev 2
32L100CDISCOVERY STMICROELECTRONICS-32L100CDISCOVERY Datasheet
293Kb / 3P
Discovery kit for STM32L100 Value Line
September 2014 Rev 2
UM1919 STMICROELECTRONICS-UM1919 Datasheet
3Mb / 37P
STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com