Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1472 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # UM1472
Description  Discovery kit for STM32F407/417 lines
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UM1472 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button UM1472 Datasheet HTML 12Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 13Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 14Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 15Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 16Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 17Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 18Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 19Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Hardware and layout
UM1472
16/42
DocID022256 Rev 4
4.3
Power supply and power selection
The power supply is provided either by the host PC through the USB cable, or by an
external 5V power supply.
The D1 and D2 diodes protect the 5V and 3V pins from external power supplies:
5V and 3V can be used as output power supplies when another application board is
connected to pins P1 and P2.
In this case, the 5V and 3V pins deliver a 5V or 3V power supply and power
consumption must be lower than 100 mA.
5V can also be used as input power supplies e.g. when the USB connector is not
connected to the PC.
In this case, the STM32F4DISCOVERY board must be powered by a power supply unit
or by auxiliary equipment complying with standard EN-60950-1: 2006+A11/2009, and
must be Safety Extra Low Voltage (SELV) with limited power capability.
4.4
LEDs
LD1 COM: LD1 default status is red. LD1 turns to green to indicate that
communications are in progress between the PC and the ST-LINK/V2.
LD2 PWR: red LED indicates that the board is powered.
User LD3: orange LED is a user LED connected to the I/O PD13 of the
STM32F407VGT6.
User LD4: green LED is a user LED connected to the I/O PD12 of the
STM32F407VGT6.
User LD5: red LED is a user LED connected to the I/O PD14 of the STM32F407VGT6.
User LD6: blue LED is a user LED connected to the I/O PD15 of the STM32F407VGT6.
USB LD7: green LED indicates when VBUS is present on CN5 and is connected to
PA9 of the STM32F407VGT6.
USB LD8: red LED indicates an overcurrent from VBUS of CN5 and is connected to the
I/O PD5 of the STM32F407VGT6.
4.5
Pushbuttons
B1 USER: User and Wake-Up button connected to the I/O PA0 of the
STM32F407VGT6.
B2 RESET: Pushbutton connected to NRST is used to RESET the STM32F407VGT6.


Similar Part No. - UM1472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
UM1479 STMICROELECTRONICS-UM1479 Datasheet
3Mb / 28P
The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
More results

Similar Description - UM1472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
November 2012
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
November 2014 Rev 1
32F3348DISCOVERY STMICROELECTRONICS-32F3348DISCOVERY Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
January 2016 Rev 3
32F072BDISCOVERY STMICROELECTRONICS-32F072BDISCOVERY Datasheet
233Kb / 5P
Discovery kit for STM32F072xx microcontrollers
March 2020 Rev 4
32L0538DISCOVERY STMICROELECTRONICS-32L0538DISCOVERY Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
January 2016 Rev 3
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
Discovery kit for STM8A microcontrollers
November 2012 Rev 1
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
32F0308DISCOVERY STMICROELECTRONICS-32F0308DISCOVERY Datasheet
295Kb / 3P
Discovery kit for STM32F030 Value Line
September 2014 Rev 2
32L100CDISCOVERY STMICROELECTRONICS-32L100CDISCOVERY Datasheet
293Kb / 3P
Discovery kit for STM32L100 Value Line
September 2014 Rev 2
UM1919 STMICROELECTRONICS-UM1919 Datasheet
3Mb / 37P
STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com