Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1472 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # UM1472
Description  Discovery kit for STM32F407/417 lines
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UM1472 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button UM1472 Datasheet HTML 16Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 17Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 18Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 19Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 20Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 21Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 22Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 23Page - List of Unclassifed Manufacturers UM1472 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Hardware and layout
UM1472
20/42
DocID022256 Rev 4
4.11
Solder bridges
Table 4. Solder bridges
Bridge
State(1)
Description
SB13,14 (X2 crystal)(2)
OFF
X2, C14, C15, R24 and R25 provide a clock.
PH0, PH1 are disconnected from P2.
ON
PH0, PH1 are connected to P2 (R24, R25 and R68 must not be fitted).
SB3,5,7,9 (Default)
ON
Reserved, do not modify.
SB2,4,6,8 (Reserved)
OFF
Reserved, do not modify.
SB15,16
(X3 crystal)
OFF
X3, C16, C27, R21 and R22 deliver a 32 KHz clock.
PC14, PC15 are not connected to P2.
ON
PC14, PC15 are only connected to P2. Remove only R21, R22
SB1
(B2-RESET)
ON
B2 pushbutton is connected to the NRST pin of the STM32F407VGT6 MCU.
OFF
B2 pushbutton is not connected the NRST pin of the STM32F407VGT6 MCU.
SB20
(B1-USER)
ON
B1 pushbutton is connected to PA0.
OFF
B1 pushbutton is not connected to PA0.
SB17
(VDD powered from
3V)
OFF
VDD is not powered from 3V, depends on JP1 jumper.
ON
VDD is permanently powered from 3V, JP1 jumper has no effect.
SB11 (NRST)
ON
NRST signal of the CN2 connector is connected to the NRST pin of the
STM32F407VGT6 MCU.
OFF
NRST signal of the CN2 connector is not connected to the NRST pin of the
STM32F407VGT6 MCU.
SB12 (SWO)
ON
SWO signal of the CN2 connector is connected to PB3.
OFF
SWO signal is not connected.
SB10 (STM_RST)
OFF
No incidence on STM32F103C8T6 (ST-LINK/V2) NRST signal.
ON
STM32F103C8T6 (ST-LINK/V2) NRST signal is connected to GND.
SB18 (BOOT0)
ON
BOOT0 signal of the STM32F407VGT6 MCU is held low through a 510 ohm
pull-down resistor.
OFF
BOOT0 signal of the STM32F407VGT6 MCU is held high through a 10 Kohm
pull-up resistor.
SB19 (BOOT1)
OFF
The BOOT1 signal of the STM32F407VGT6 MCU is held high through a
10 Kohm pull-up resistor.
ON
The BOOT1 signal of the STM32F407VGT6 MCU is held low through a 510 ohm
pull-down resistor.
1. Default SBx state is shown in bold.
2. SB13 and SB14 are OFF to allow the user to choose between MCO and X2 crystal for clock source.


Similar Part No. - UM1472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
UM1479 STMICROELECTRONICS-UM1479 Datasheet
3Mb / 28P
The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
More results

Similar Description - UM1472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
November 2012
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
November 2014 Rev 1
32F3348DISCOVERY STMICROELECTRONICS-32F3348DISCOVERY Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
January 2016 Rev 3
32F072BDISCOVERY STMICROELECTRONICS-32F072BDISCOVERY Datasheet
233Kb / 5P
Discovery kit for STM32F072xx microcontrollers
March 2020 Rev 4
32L0538DISCOVERY STMICROELECTRONICS-32L0538DISCOVERY Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
January 2016 Rev 3
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
Discovery kit for STM8A microcontrollers
November 2012 Rev 1
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
32F0308DISCOVERY STMICROELECTRONICS-32F0308DISCOVERY Datasheet
295Kb / 3P
Discovery kit for STM32F030 Value Line
September 2014 Rev 2
32L100CDISCOVERY STMICROELECTRONICS-32L100CDISCOVERY Datasheet
293Kb / 3P
Discovery kit for STM32L100 Value Line
September 2014 Rev 2
UM1919 STMICROELECTRONICS-UM1919 Datasheet
3Mb / 37P
STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com