Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1956 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # UM1956
Description  STM32 Nucleo-32 boards
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UM1956 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button UM1956 Datasheet HTML 4Page - List of Unclassifed Manufacturers UM1956 Datasheet HTML 5Page - List of Unclassifed Manufacturers UM1956 Datasheet HTML 6Page - List of Unclassifed Manufacturers UM1956 Datasheet HTML 7Page - List of Unclassifed Manufacturers UM1956 Datasheet HTML 8Page - List of Unclassifed Manufacturers UM1956 Datasheet HTML 9Page - List of Unclassifed Manufacturers UM1956 Datasheet HTML 10Page - List of Unclassifed Manufacturers UM1956 Datasheet HTML 11Page - List of Unclassifed Manufacturers UM1956 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Ordering information
UM1956
8/31
DocID028406 Rev 1
3
Ordering information
The order codes and the respective targeted STM32 are listed in the below Table 1.
The meaning of NUCLEO-TXXXKY codification is as follows:
TXXX describes the STM32 product line (T for F or L)
K describes the pin count (K for 32 pins)
Y describes the code size (8 for 64K, 6 for 32K)
The last six characters (e.g.: L031K6) of this order code, are printed on a sticker placed at
the top or bottom side of the board.
Table 1. Ordering information
Target STM32
Order code
STM32F031K6T6
NUCLEO-F031K6
STM32F042K6T6
NUCLEO-F042K6
STM32F303K8T6
NUCLEO-F303K8
STM32L031K6T6
NUCLEO-L031K6


Similar Part No. - UM1956

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1955 STMICROELECTRONICS-UM1955 Datasheet
874Kb / 28P
   Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
October 2015 Rev 1
More results

Similar Description - UM1956

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUCLEO-F030R8 ETC2-NUCLEO-F030R8 Datasheet
239Kb / 4P
   STM32 Nucleo-64 boards
logo
STMicroelectronics
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V02 Datasheet
237Kb / 4P
   STM32 Nucleo-64 boards
July 2015
logo
List of Unclassifed Man...
UM1724 ETC2-UM1724 Datasheet
1Mb / 65P
   STM32 Nucleo-64 boards
logo
STMicroelectronics
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX Datasheet
406Kb / 6P
   STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-XXXXZX STMICROELECTRONICS-NUCLEO-XXXXZX Datasheet
1Mb / 9P
   STM32 Nucleo-144 boards
24-Jun-2021 14
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V01 Datasheet
1Mb / 7P
   STM32 Nucleo-64 boards
Rev 14 - October 2020
NUCLEO-L4P5ZG STMICROELECTRONICS-NUCLEO-L4P5ZG Datasheet
1Mb / 8P
   STM32 Nucleo-144 boards
Rev 11 - November 2019
logo
List of Unclassifed Man...
NUCLEO-F031K6 ETC2-NUCLEO-F031K6 Datasheet
179Kb / 4P
   STM32 Nucleo-32 board
logo
STMicroelectronics
NUCLEO-XXXXKX STMICROELECTRONICS-NUCLEO-XXXXKX Datasheet
197Kb / 4P
   STM32 Nucleo-32 board
X-NUCLEO-GFX01M2 STMICROELECTRONICS-X-NUCLEO-GFX01M2 Datasheet
922Kb / 5P
   SPI display expansion boards for STM32 Nucleo-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com