Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO052N03S Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSO052N03S
Description  OptiMOS2 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO052N03S Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSO052N03S Datasheet HTML 1Page - Infineon Technologies AG BSO052N03S Datasheet HTML 2Page - Infineon Technologies AG BSO052N03S Datasheet HTML 3Page - Infineon Technologies AG BSO052N03S Datasheet HTML 4Page - Infineon Technologies AG BSO052N03S Datasheet HTML 5Page - Infineon Technologies AG BSO052N03S Datasheet HTML 6Page - Infineon Technologies AG BSO052N03S Datasheet HTML 7Page - Infineon Technologies AG BSO052N03S Datasheet HTML 8Page - Infineon Technologies AG BSO052N03S Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSO052N03S
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - soldering point
R thJS
-
-
30
K/W
Thermal resistance,
junction - ambient
R thJA
minimal footprint,
t p≤10 s
-
-
110
minimal footprint,
steady state
-
-
150
6 cm
2 cooling area2),
t p≤10 s
--
50
6 cm
2 cooling area2),
steady state
--
80
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
30
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=70 µA
1.2
1.6
2
Zero gate voltage drain current
I DSS
V DS=30 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=30 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=16 A
-
5.4
6.7
m
V GS=10 V, I D=17 A
-
4.3
5.2
Gate resistance
R G
-
1.2
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=17 A
32
63
-
S
Values
3) see figure 3
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
1)J-STD20 and JESD22
Rev. 1.11
page 2
2004-03-31


Similar Part No. - BSO052N03S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO052N03S INFINEON-BSO052N03S Datasheet
327Kb / 9P
OptiMOS?? Power-Transistor
Rev. 2.0 2009-11-04
BSO052N03S INFINEON-BSO052N03S_09 Datasheet
327Kb / 9P
OptiMOS?? Power-Transistor
Rev. 2.0 2009-11-04
More results

Similar Description - BSO052N03S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO350N03 INFINEON-BSO350N03 Datasheet
225Kb / 9P
OptiMOS2 Power-Transistor
2004-02-09
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
IPD10N03LA INFINEON-IPD10N03LA Datasheet
412Kb / 11P
OptiMOS2 Power-Transistor
Rev. 1.3 2004-05-19
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPP03N03LBG INFINEON-IPP03N03LBG_08 Datasheet
275Kb / 9P
OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
IPP05CN10LG INFINEON-IPP05CN10LG Datasheet
329Kb / 9P
OptiMOS2 Power-Transistor
Rev. 1.02 2008-10-31
IPP12CN10LG INFINEON-IPP12CN10LG Datasheet
778Kb / 10P
OptiMOS2 Power-Transistor
2008-07-15 revision:1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com