Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO201SP Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSO201SP
Description  OptiMOS -P Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO201SP Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSO201SP Datasheet HTML 1Page - Infineon Technologies AG BSO201SP Datasheet HTML 2Page - Infineon Technologies AG BSO201SP Datasheet HTML 3Page - Infineon Technologies AG BSO201SP Datasheet HTML 4Page - Infineon Technologies AG BSO201SP Datasheet HTML 5Page - Infineon Technologies AG BSO201SP Datasheet HTML 6Page - Infineon Technologies AG BSO201SP Datasheet HTML 7Page - Infineon Technologies AG BSO201SP Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2001-12-21
Page 6
Preliminary data
BSO201SP
9 Drain-source on-resistance
RDS(on) = f(Tj)
parameter: ID = -14.9 A, VGS = -4.5 V
-60
-20
20
60
100
°C
160
Tj
5
6
7
8
9
10
m
12
typ.
98%
10 Gate threshold voltage
VGS(th) = f (Tj)
parameter: VGS = VDS, ID = -250 µA
-60
-20
20
60
100
°C
160
Tj
0
0.2
0.4
0.6
0.8
1
1.2
V
1.6
2%
typ.
98%
12 Forward character. of reverse diode
IF = f (VSD)
parameter: Tj , tp = 80 µs
0
-0.4
-0.8
-1.2
-1.6
-2
-2.4
V
-3
VSD
-1
-10
0
-10
1
-10
2
-10
A
BSO201SP
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
11 Typ. capacitances
C = f (VDS)
parameter: VGS=0, f=1 MHz
0
5
10
V
20
- VDS
3
10
4
10
pF
Crss
Coss
Ciss


Similar Part No. - BSO201SP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO201SPH INFINEON-BSO201SPH Datasheet
319Kb / 9P
OptiMOS P-Power-Transistor
Rev.1.32 2009-12-21
More results

Similar Description - BSO201SP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
OptiMOS -P Small-Signal-Transistor
2004-06-03
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
OptiMOS -P Small-Signal-Transistor
2001-12-05
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
OptiMOS -P Small-Signal-Transistor
2002-07-04
BSL207SP INFINEON-BSL207SP_07 Datasheet
843Kb / 8P
OptiMOS-P Small-Signal-Transistor
2007-02-08
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO303PH INFINEON-BSO303PH Datasheet
317Kb / 9P
OptiMOS-P Small-Signal-Transistor
Rev. 1.3 2010-02-10
BSS209PW INFINEON-BSS209PW_06 Datasheet
284Kb / 8P
OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com