Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO204P Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSO204P
Description  OptiMOS -P Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO204P Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSO204P Datasheet HTML 1Page - Infineon Technologies AG BSO204P Datasheet HTML 2Page - Infineon Technologies AG BSO204P Datasheet HTML 3Page - Infineon Technologies AG BSO204P Datasheet HTML 4Page - Infineon Technologies AG BSO204P Datasheet HTML 5Page - Infineon Technologies AG BSO204P Datasheet HTML 6Page - Infineon Technologies AG BSO204P Datasheet HTML 7Page - Infineon Technologies AG BSO204P Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001-12-03
Page 4
Preliminary data
BSO204P
1 Power dissipation
Ptot = f (TA)
0
20
40
60
80
100
120
°C
160
TA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
W
2.2
BSO204P
2 Drain current
ID = f (TA)
parameter: |VGS|≥ 4.5 V
0
20
40
60
80
100
120
°C
160
TA
0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
-4
-4.5
-5
-5.5
-6
A
-7.5
BSO204P
3 Transient thermal impedance
ZthJS = f (tp)
parameter : D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
K/W
BSO204P
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50
4 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TA = 25 °C
-10
-1
-10
0
-10
1
-10
2
V
VDS
-2
-10
-1
-10
0
-10
1
-10
2
-10
A
BSO204P
R D
S(
on
)
=
V D
S
/ I D
DC
10 ms
1 ms
t
p
= 180.0µs


Similar Part No. - BSO204P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO200N03 INFINEON-BSO200N03 Datasheet
264Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 1.2 2006-05-09
logo
VBsemi Electronics Co.,...
BSO200N03 VBSEMI-BSO200N03 Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Infineon Technologies A...
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
logo
VBsemi Electronics Co.,...
BSO200N03S VBSEMI-BSO200N03S Datasheet
1,009Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Infineon Technologies A...
BSO200P03S INFINEON-BSO200P03S Datasheet
276Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.01 2004-02-13
More results

Similar Description - BSO204P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-04
BSL207SP INFINEON-BSL207SP_07 Datasheet
843Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-05
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-06-03
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO303PH INFINEON-BSO303PH Datasheet
317Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.3 2010-02-10
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-21
BSS209PW INFINEON-BSS209PW_06 Datasheet
284Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com