Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPC564L60L5CFSY Datasheet(PDF) 116 Page - STMicroelectronics

Part # RPC564L60L5CFSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFSY Datasheet(HTML) 116 Page - STMicroelectronics

Back Button RPC564L60L5CFSY Datasheet HTML 112Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 113Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 114Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 115Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 116Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 117Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 118Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 119Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 137 page
background image
Electrical characteristics
RPC56EL60L5
116/137
DocID026934 Rev 1
3.19.4
Reset sequence — start condition
The impact of the voltage thresholds on the starting point of the internal reset sequence are
becoming important if the voltage rails / signals ramp up with a very slow slew rate
compared to the overall reset sequence duration.
Destructive reset
Figure 17 shows the voltage threshold that determines the start of the Destructive Reset
Sequence, BIST enabled and the start for the Destructive Reset Sequence, BIST disabled.
Figure 17. Reset sequence start for Destructive Resets
External reset via RESET
Figure 18 shows the voltage thresholds that determine the start of the reset sequences
initiated by the assertion of RESET as specified in Table 31.
6.
If RESET is configured for short reset
7.
Internal reset sequence can only be observed by state of RESET if bidirectional RESET functionality is enabled for the
functional reset source which triggered the reset sequence.
Table 32. Voltage Thresholds
Variable name
Value
Vmin
Refer to Table 17
Vmax
Refer to Table 17
Supply Rail
VDD_HV_PMU
TReset, max starts here
TReset, min starts here
Supply Rail
Vmax
t
V
Vmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com