| Electronic Components Datasheet Search |
|
STM32F401VB Datasheet(PDF) 113 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401VB Datasheet(HTML) 113 Page - STMicroelectronics |
|
113 / 134 page ![]() DocID024738 Rev 5 113/134 STM32F401xB STM32F401xC Electrical characteristics 113 6.3.25 RTC characteristics CMD, D inputs (referenced to CK) in SD default mode tISUD Input setup time SD fpp = 24MHz 1.5 - - ns tIHD Input hold time SD fpp = 24MHz 0.5 - - CMD, D outputs (referenced to CK) in SD default mode tOVD Output valid default time SD fpp =24MHz - 4.5 6.5 ns tOHD Output hold default time SD fpp =24MHz 3.5 - - 1. Data based on characterization results, not tested in production. 2. VDD = 2.7 to 3.6 V. Table 77. Dynamic characteristics: SD / MMC characteristics(1)(2) (continued) Symbol Parameter Conditions Min Typ Max Unit Table 78. RTC characteristics Symbol Parameter Conditions Min Max -fPCLK1/RTCCLK frequency ratio Any read/write operation from/to an RTC register 4- |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |