Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7007AHTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # VN7007AHTR
Description  High-side driver with CurrentSense analog feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007AHTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VN7007AHTR Datasheet HTML 11Page - STMicroelectronics VN7007AHTR Datasheet HTML 12Page - STMicroelectronics VN7007AHTR Datasheet HTML 13Page - STMicroelectronics VN7007AHTR Datasheet HTML 14Page - STMicroelectronics VN7007AHTR Datasheet HTML 15Page - STMicroelectronics VN7007AHTR Datasheet HTML 16Page - STMicroelectronics VN7007AHTR Datasheet HTML 17Page - STMicroelectronics VN7007AHTR Datasheet HTML 18Page - STMicroelectronics VN7007AHTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
VN7007AH
Electrical specification
Table 11: Truth table
Mode
Conditions
INX SEn OUTX
Current Sense
Comments
Standby
All logic inputs low
L
L
L
Hi-Z
Low quiescent current
consumption
Normal
Nominal load
connected;
Tj < 150°C
L
H
L
0
H
L
H
Hi-Z
H
H
H
ISENSE = 1/K * IOUT
Overload
Overload or short
to GND causing:
Tj > TTSD or
ΔTj > ΔTj_SD
H
L
H
Hi-Z
Output cycles with
temperature hysteresis
H
H
H
VSENSEH
Undervoltage
VCC < VUSD (falling)
X
X
L
L
Hi-Z
Hi-Z
Re-start when
VCC > VUSD + VUSDhyst
(rising)
OFF-state
diagnostics
Short to VCC
L
H
H
VSENSEH
Open-load
L
H
H
External pull-up
Negative output
voltage
Inductive loads
turn-off
L
X
< 0 V
0
2.4
Electrical characteristics curves
Figure 8: OFF-state output current
Figure 9: Standby current
0
500
100 0
150 0
200 0
250 0
300 0
350 0
400 0
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Iloff [nA]
GAPG2204150942CFT
Off State
Vcc = 13V
Vin = Vout = 0
GAPG2204150948CFT
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ISTBY [µA]
Vcc = 13V
DocID027957 Rev 2
15/37


Similar Part No. - VN7007AHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
VN7007ALHTR STMICROELECTRONICS-VN7007ALHTR Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
More results

Similar Description - VN7007AHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VNQ7050AJ STMICROELECTRONICS-VNQ7050AJ Datasheet
1Mb / 42P
Quad channel high-side driver with CurrentSense analog feedback
June 2015 Rev 1
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 5
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7E010AJ STMICROELECTRONICS-VN7E010AJ Datasheet
3Mb / 46P
High-side driver with CurrentSense analog feedback for automotive applications
Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com