Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7007AHTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # VN7007AHTR
Description  High-side driver with CurrentSense analog feedback
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007AHTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VN7007AHTR Datasheet HTML 14Page - STMicroelectronics VN7007AHTR Datasheet HTML 15Page - STMicroelectronics VN7007AHTR Datasheet HTML 16Page - STMicroelectronics VN7007AHTR Datasheet HTML 17Page - STMicroelectronics VN7007AHTR Datasheet HTML 18Page - STMicroelectronics VN7007AHTR Datasheet HTML 19Page - STMicroelectronics VN7007AHTR Datasheet HTML 20Page - STMicroelectronics VN7007AHTR Datasheet HTML 21Page - STMicroelectronics VN7007AHTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Electrical specification
VN7007AH
Figure 22: Woff vs Tcase
Figure 23: ILIMH vs. Tcase
Figure 24: Turn-off output voltage clamp
Figure 25: OFF-state open-load voltage
detection threshold
Figure 26: Vsense clamp vs. Tcase
Figure 27: Vsenseh vs. Tcase
GAPG2204151036CFT
0
0.4
0.8
1.2
1.6
2
-50
-25
0
25
50
75
100
125
150
175
T [°C]
W off [mJ]
GAPG2204151037CFT
100
105
110
115
120
125
130
135
140
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Ilimh [A]
Vcc = 13V
GAPG2204151038CFT
-52
-51
-50
-49
-48
-47
-46
-45
-44
-43
-42
-41
-40
-39
-38
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VDEMAG [V]
Vcc = 13V
GAPG2204151040CFT
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VOL [V]
GAPG2204151042CFT
-15
-10
-5
0
5
10
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VSE NSE_CL [V]
Iin = -1mA
Iin = 1mA
GAPG2204151048CFT
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VSE NSEH [V]
18/37
DocID027957 Rev 2


Similar Part No. - VN7007AHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
VN7007ALHTR STMICROELECTRONICS-VN7007ALHTR Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
More results

Similar Description - VN7007AHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VNQ7050AJ STMICROELECTRONICS-VNQ7050AJ Datasheet
1Mb / 42P
Quad channel high-side driver with CurrentSense analog feedback
June 2015 Rev 1
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 5
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7E010AJ STMICROELECTRONICS-VN7E010AJ Datasheet
3Mb / 46P
High-side driver with CurrentSense analog feedback for automotive applications
Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com