Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5004DSP30 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VND5004DSP30
Description  Double 4m high-side driver with analog CurrentSense
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5004DSP30 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VND5004DSP30 Datasheet HTML 4Page - STMicroelectronics VND5004DSP30 Datasheet HTML 5Page - STMicroelectronics VND5004DSP30 Datasheet HTML 6Page - STMicroelectronics VND5004DSP30 Datasheet HTML 7Page - STMicroelectronics VND5004DSP30 Datasheet HTML 8Page - STMicroelectronics VND5004DSP30 Datasheet HTML 9Page - STMicroelectronics VND5004DSP30 Datasheet HTML 10Page - STMicroelectronics VND5004DSP30 Datasheet HTML 11Page - STMicroelectronics VND5004DSP30 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical specifications
VND5004DSP30
8/28
DocID027939 Rev 2
2.2
Thermal data
2.3
Electrical characteristics
Values specified in this section are for 8 V < VCC < 24 V, -40 °C < Tj < 150 °C, unless
otherwise stated.
Tj
Junction operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
Table 3. Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
Table 4. Thermal data
Symbol
Parameter
Max value
Unit
Rthj-case
Thermal resistance junction-case (with one channel ON)
0.35
°C/W
Rthj-amb
Thermal resistance junction-ambient
58(1)
1.
PCB FR4 area 58 mmx58 mm, PCB thickness 2 mm, Cu thickness 35 µm, minimum pad layout.
°C/W
Table 5. Power section
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VCC
Operating supply
voltage
4.5
13
28
V
VUSD
Undervoltage shutdown
3.5
4.5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.5
V
RON
On-state resistance(1)
1.
For each channel.
IOUT = 15 A; Tj = 25 °C
4
m
IOUT = 15 A; Tj = 150 °C
8
m
IOUT = 15 A; VCC = 5 V; Tj = 25 °C
6
m
RON REV
Rdson in reverse battery
condition
VCC = -13 V; IOUT = -15 A;
Tj = 25 °C
4m
Vclamp
VCC clamp voltage
ICC = 20 mA; IOUT1,2 = 0 A
41
46
52
V
IS
Supply current
Off-state; VCC = 13 V; Tj = 25 °C;
VIN = VOUT = VSENSE = VCSD = 0 V
2(2)
2.
PowerMOS leakage included.
5(2)
µA
On-state; VCC = 13 V; VIN = 5 V;
IOUT = 0 A
3.5
6
mA
IL(off)
Off-state output
current(1)
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 25 °C
00.01
3
µA
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 125 °C
05
µA


Similar Part No. - VND5004DSP30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5004A-E STMICROELECTRONICS-VND5004A-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004ASP30-E STMICROELECTRONICS-VND5004ASP30-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004ASP30TR-E STMICROELECTRONICS-VND5004ASP30TR-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004ATR-E STMICROELECTRONICS-VND5004ATR-E Datasheet
549Kb / 34P
   Double 4m廓 high side driver with analog current sense for automotive applications
VND5004B STMICROELECTRONICS-VND5004B Datasheet
303Kb / 2P
   M0-5 solution for power management
More results

Similar Description - VND5004DSP30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E004C30 STMICROELECTRONICS-VND5E004C30 Datasheet
799Kb / 35P
   Double 4m high-side driver with analog CurrentSense
VND5004CSP30 STMICROELECTRONICS-VND5004CSP30 Datasheet
578Kb / 28P
   Double 4m high-side driver with analog CurrentSense
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VND7E050AJ STMICROELECTRONICS-VND7E050AJ Datasheet
962Kb / 48P
   Double channel high-side driver with CurrentSense analog feedback for automotive applications
Rev 2 - November 2018
VNQ7050AJ STMICROELECTRONICS-VNQ7050AJ Datasheet
1Mb / 42P
   Quad channel high-side driver with CurrentSense analog feedback
June 2015 Rev 1
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com