Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND7140AJ12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND7140AJ12
Description  Double channel high-side driver with CurrentSense analog feedback
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7140AJ12 Datasheet(HTML) 1 Page - STMicroelectronics

  VND7140AJ12 Datasheet HTML 1Page - STMicroelectronics VND7140AJ12 Datasheet HTML 2Page - STMicroelectronics VND7140AJ12 Datasheet HTML 3Page - STMicroelectronics VND7140AJ12 Datasheet HTML 4Page - STMicroelectronics VND7140AJ12 Datasheet HTML 5Page - STMicroelectronics VND7140AJ12 Datasheet HTML 6Page - STMicroelectronics VND7140AJ12 Datasheet HTML 7Page - STMicroelectronics VND7140AJ12 Datasheet HTML 8Page - STMicroelectronics VND7140AJ12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
VND7140AJ12
Double channel high-side driver with CurrentSense analog
feedback for automotive applications
Datasheet - production data
Features
Max transient supply voltage
VCC
40 V
Operating voltage range
VCC
4 V to 28 V
Minimum cranking supply
voltage (VCC decreasing)
VUSD_Cranking
2.85 V
Typ. on-state resistance
(per Ch)
RON
140
Current limitation (typ)
ILIMH
12 A
Standby current (max)
ISTBY
0.5 µA
Automotive qualified
Extreme low voltage operation for deep cold
cranking applications (compliant with LV124,
revision 2013)
General
Double channel smart high-side driver
with CurrentSense analog feedback
Very low standby current
Compatible with 3 V and 5 V CMOS
outputs
CurrentSense diagnostic functions
Multiplexed analog feedback of: load
current with high precision proportional
current mirror
Overload and short to ground (power
limitation) indication
Thermal shutdown indication
Off-state open-load detection
Output short to VCC detection
Sense enable/ disable
Protections
Undervoltage shutdown
Overvoltage clamp
Load current limitation
Self limiting of fast thermal transients
Loss of ground and loss of VCC
Reverse battery with external
components
Electrostatic discharge protection
Applications
All types of automotive resistive, inductive
and capacitive loads
Specially intended for automotive signal
lamps (up to R10W or LED Rear
Combinations)
Description
The device is a double channel high-side driver
manufactured using ST proprietary VIPower®
technology and housed in PowerSSO-12
package. The device is designed to drive 12 V
automotive grounded loads through a 3 V and
5 V CMOS compatible interface, providing
protection and diagnostics.
The device integrates advanced protective
functions such as load current limitation, overload
active management by power limitation and
overtemperature shutdown.
A current sense delivers high precision
proportional load current sense in addition to the
detection of overload and short circuit to ground,
short to VCC and off-state open-load.
A sense enable pin allows off-state diagnosis to
be disabled during the module low-power mode
as well as external sense resistor sharing among
similar devices.
GAPG040515 1112CFT
PowerSSO-12
September 2015
DocID027923 Rev 3
1/43
This is information on a product in full production.
www.st.com


Similar Part No. - VND7140AJ12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7140AJ-E STMICROELECTRONICS-VND7140AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 9
VND7140AJTR STMICROELECTRONICS-VND7140AJTR Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7140AJTR-E STMICROELECTRONICS-VND7140AJTR-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 9
More results

Similar Description - VND7140AJ12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VNQ7050AJ STMICROELECTRONICS-VNQ7050AJ Datasheet
1Mb / 42P
   Quad channel high-side driver with CurrentSense analog feedback
June 2015 Rev 1
VND7E050AJ STMICROELECTRONICS-VND7E050AJ Datasheet
962Kb / 48P
   Double channel high-side driver with CurrentSense analog feedback for automotive applications
Rev 2 - November 2018
VND5E004C30 STMICROELECTRONICS-VND5E004C30 Datasheet
799Kb / 35P
   Double 4m high-side driver with analog CurrentSense
VND5004DSP30 STMICROELECTRONICS-VND5004DSP30 Datasheet
579Kb / 28P
   Double 4m high-side driver with analog CurrentSense
November 2015 Rev 2
VND5004CSP30 STMICROELECTRONICS-VND5004CSP30 Datasheet
578Kb / 28P
   Double 4m high-side driver with analog CurrentSense
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com