Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7050AJ Datasheet(PDF) 25 Page - STMicroelectronics

Part # VNQ7050AJ
Description  Quad channel high-side driver with CurrentSense analog feedback
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7050AJ Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VNQ7050AJ Datasheet HTML 21Page - STMicroelectronics VNQ7050AJ Datasheet HTML 22Page - STMicroelectronics VNQ7050AJ Datasheet HTML 23Page - STMicroelectronics VNQ7050AJ Datasheet HTML 24Page - STMicroelectronics VNQ7050AJ Datasheet HTML 25Page - STMicroelectronics VNQ7050AJ Datasheet HTML 26Page - STMicroelectronics VNQ7050AJ Datasheet HTML 27Page - STMicroelectronics VNQ7050AJ Datasheet HTML 28Page - STMicroelectronics VNQ7050AJ Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
VNQ7050AJ
Application information
4.1.1
Diode (DGND) in the ground line
A resistor (typ. RGND = 4.7
kΩ) should be inserted in parallel to DGND if the device drives an
inductive load.
This small signal diode can be safely shared amongst several different HSDs. Also in this
case, the presence of the ground network produces a shift (≈600 mV) in the input threshold
and in the status output values if the microprocessor ground is not common to the device
ground. This shift does not vary if more than one HSD shares the same diode/resistor
network.
4.2
Immunity against transient electrical disturbances
The immunity of the device against transient electrical emissions, conducted along the
supply lines and injected into the VCC pin, is tested in accordance with ISO7637-2:2011 (E)
and ISO 16750-2:2010.
The related function performance status classification is shown in Table 12: "ISO 7637-2 -
electrical transient conduction along supply line".
Test pulses are applied directly to DUT (Device Under Test) both in ON and OFF-state and
in accordance to ISO 7637-2:2011(E), chapter 4. The DUT is intended as the present
device only, without components and accessed through VCC and GND terminals.
Status II is defined in ISO 7637-1 Function Performance Status Classification (FPSC) as
follows: “The function does not perform as designed during the test but returns
automatically to normal operation after the test”.
Table 12: ISO 7637-2 - electrical transient conduction along supply line
Test
Pulse
2011(E)
Test pulse severity
level with Status II
functional performance
status
Minimum
number of
pulses or test
time
Burst cycle / pulse
repetition time
Pulse duration and
pulse generator
internal impedance
Level
US(1)
min
max
1
III
-112V
500 pulses
0,5 s
2ms, 10Ω
2a
III
+55V
500 pulses
0,2 s
5 s
50µs, 2Ω
3a
IV
-220V
1h
90 ms
100 ms
0.1µs, 50Ω
3b
IV
+150V
1h
90 ms
100 ms
0.1µs, 50Ω
4 (2)
IV
-7V
1 pulse
100ms, 0.01Ω
Load dump according to ISO 16750-2:2010
Test B (3)
40V
5 pulse
1 min
400ms, 2Ω
Notes:
(1)US is the peak amplitude as defined for each test pulse in ISO 7637-2:2011(E), chapter 5.6.
(2)Test pulse from ISO 7637-2:2004(E).
(3)With 40 V external suppressor referred to ground (-40°C < Tj < 150°C).
4.3
MCU I/Os protection
If a ground protection network is used and negative transients are present on the VCC line,
the control pins will be pulled negative. ST suggests to insert a resistor (Rprot) in line both to
prevent the microcontroller I/O pins to latch-up and to protect the HSD inputs.
DocID027405 Rev 1
25/42


Similar Part No. - VNQ7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ7003SY STMICROELECTRONICS-VNQ7003SY Datasheet
2Mb / 102P
Quad-channel high-side driver with 16-bit SPI interface for automotive applications
Rev 8 December 2018
VNQ7003SYTR STMICROELECTRONICS-VNQ7003SYTR Datasheet
2Mb / 102P
Quad-channel high-side driver with 16-bit SPI interface for automotive applications
Rev 8 December 2018
VNQ7040AY STMICROELECTRONICS-VNQ7040AY Datasheet
2Mb / 52P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
VNQ7040AY-E STMICROELECTRONICS-VNQ7040AY-E Datasheet
1Mb / 55P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
September 2014 Rev 8
VNQ7040AYTR STMICROELECTRONICS-VNQ7040AYTR Datasheet
2Mb / 52P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
More results

Similar Description - VNQ7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 5
VN7E010AJ STMICROELECTRONICS-VN7E010AJ Datasheet
3Mb / 46P
High-side driver with CurrentSense analog feedback for automotive applications
Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com