Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT3904 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PZT3904
Description  NPN Silicon Switching Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PZT3904 Datasheet(HTML) 2 Page - Infineon Technologies AG

  PZT3904 Datasheet HTML 1Page - Infineon Technologies AG PZT3904 Datasheet HTML 2Page - Infineon Technologies AG PZT3904 Datasheet HTML 3Page - Infineon Technologies AG PZT3904 Datasheet HTML 4Page - Infineon Technologies AG PZT3904 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PZT3904
2
Nov-30-2001
Electrical Characteristics
at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
40
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
60
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
6
-
-
Collector cutoff current
VCB = 30 V, IE = 0
ICBO
-
-
50
nA
Collector-emitter cutoff current
VCE = 30 V, -VBE = 0.5 V
ICEV
-
-
50
Base-emitter cutoff current
VCE = 30 V, -VBE = 0.5
IBEV
-
-
50
DC current gain 1)
IC = 0.1 mA, VCE = 1 V
IC = 1 mA, VCE = 1 V
IC = 10 mA, VCE = 1 V
IC = 50 mA, VCE = 1 V
IC = 100 mA, VCE = 1 V
hFE
40
70
100
60
30
-
-
-
-
-
-
-
300
-
-
-
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 1 mA
IC = 50 mA, IB = 5 mA
VCEsat
-
-
-
-
0.2
0.3
V
Base-emitter saturation voltage 1)
IC = 100 mA, IB = 1 mA
IC = 50 mA, IB = 5 mA
VBEsat
-
-
-
-
0.85
0.9
1) Pulse test: t
≤=300µs, D = 2%


Similar Part No. - PZT3904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT3904 PHILIPS-PZT3904 Datasheet
47Kb / 8P
NPN switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PZT3904 KEXIN-PZT3904 Datasheet
700Kb / 2P
NPN Transistors
logo
STMicroelectronics
PZT3904 STMICROELECTRONICS-PZT3904 Datasheet
46Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
Silicon NPN bipolar Transistor
logo
Siemens Semiconductor G...
PZT3904 SIEMENS-PZT3904 Datasheet
124Kb / 5P
NPN Silicon Switching Transistor
More results

Similar Description - PZT3904

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com