Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT3904 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PZT3904
Description  NPN Silicon Switching Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PZT3904 Datasheet(HTML) 3 Page - Infineon Technologies AG

  PZT3904 Datasheet HTML 1Page - Infineon Technologies AG PZT3904 Datasheet HTML 2Page - Infineon Technologies AG PZT3904 Datasheet HTML 3Page - Infineon Technologies AG PZT3904 Datasheet HTML 4Page - Infineon Technologies AG PZT3904 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PZT3904
3
Nov-30-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Values
Symbol
Unit
max.
min.
typ.
AC Characteristics
fT
300
Transition frequency
IC = 10 mA, VCE = 20 V, f = 100 MHz
-
MHz
-
Ccb
-
-
pF
4
Collector-base capacitance
VCB = 5 V, f = 1 MHz
Ceb
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
-
-
8
F
-
Noise figure
IC = 100 µA, VCE = 5 V, RS = 1 k,
f = 10Hz to 15.7kHz,
5
-
dB
h11e
1
10
Short-circuit input impedance
IC = 1 mA, VCE = 10 V, f = 1 kHz
-
k

Open-circuit reverse voltage transf.ratio
IC = 1 mA, VCE = 10 V, f = 1 kHz
h12e
-
10-4
8
0.5
Short-circuit forward current transf.ratio
IC = 1 mA, VCE = 10 V, f = 1 kHz
100
h21e
-
-
400
Open-circuit output admittance
IC = 1 mA, VCE = 10 V, f = 1 kHz
S
40
h22e
-
1
Delay time
VCC = 3 V, IC = 10 mA, IB1 = 1 mA,
VBE(off) = 0.5 V
-
35
ns
-
td
Rise time
VCC = 3 V, IC = 10 mA, IB1 = 1 mA,
VBE(off) = 0.5 V
tr
-
35
-
tstg
-
-
200
Storage time
VCC = 3 V, IC = 10 mA, IB1=IB2 = 1mA
Fall time
VCC = 3 V, IC = 10 mA, IB1=IB2 = 1mA
tf
-
-
50


Similar Part No. - PZT3904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT3904 PHILIPS-PZT3904 Datasheet
47Kb / 8P
NPN switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PZT3904 KEXIN-PZT3904 Datasheet
700Kb / 2P
NPN Transistors
logo
STMicroelectronics
PZT3904 STMICROELECTRONICS-PZT3904 Datasheet
46Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
Silicon NPN bipolar Transistor
logo
Siemens Semiconductor G...
PZT3904 SIEMENS-PZT3904 Datasheet
124Kb / 5P
NPN Silicon Switching Transistor
More results

Similar Description - PZT3904

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com