Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE6800 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE6800
Description  Reset Timer with Delay Time
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE6800 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE6800_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE6800_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE6800_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE6800_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE6800_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE6800_16 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE6800_16 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE6800_16 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE6800_16 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data and specifications subject to change without notice
Advanced Power
Electronics Corp.
FEATURES
7.5s Fixed Reset Delay
1.65V to 5.5V Operation Voltage
Open-Drain Output with 400ms Duration
Low 1uA Quiescent Current
Test-Mode Enable
/SR with Internal Pull-Up Resistor
Halogen Free Product
APPLICATIONS
Mobile Phone
Tablet
Portable Media Player
TYPICAL APPLICATION
DS
GND
VCC
TEST
Vcc
APE6800
Data and specifications subject to change without notice
Advanced Power
Electronics Corp.
Reset Timer with Delay Time
Duration
Up Resistor
DESCRIPTION
The APE6800 is a reset timer which designed for
long reset times. The device has a long fixed delay
of 7.5s ±20% which avoids unplanned reset press.
The APE6800 operates with 1uA maximal quiescent
current when timer inactive. The APE6800
input
which
supports
single
button
resetting
required. It has a single open
with 0.5mA sink current capability
Test-Mode operation by forcing /RST low.
/SR
/RST
GND
VCC
INT/NMI
GND
VCC
/ RESET
Vcc
100k
Push-Botton
Switch
6800
MCU
1
20130412V1.0
APE6800
with Delay Time
timer which designed for
has a long fixed delay
unplanned reset press.
operates with 1uA maximal quiescent
The APE6800 has one
input
which
supports
single
button
resetting
required. It has a single open-drain output, /RST,
urrent capability. The DS enables
Mode operation by forcing /RST low.
.


Similar Part No. - APE6800_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
More results

Similar Description - APE6800_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com