Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGP-1000 Datasheet(PDF) 1 Page - Level One

Part # FGP-1000
Description  10-Port Fast Ethernet PoE Switch, 1 x RJ45 Gigabit, 1 x SFP Gigabit, 9 PoE Outputs, 115W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FGP-1000 Datasheet(HTML) 1 Page - Level One

  FGP-1000_16 Datasheet HTML 1Page - Level One FGP-1000_16 Datasheet HTML 2Page - Level One FGP-1000_16 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FGP-1000 Version: 1
10-Port Fast Ethernet PoE Switch, 1 x RJ45
Gigabit, 1 x SFP Gigabit, 9 PoE Outputs, 115W
FGP-1000 is a 8-port 10/100Mbps Fast Ethernet Switch with Power over Ethernet (PoE) capability. With 8
dip switches, each PoE port can be manually set for On-Off control. FGP-1000 supports up to 30W on each
LAN port when the DIP switch is in the ON position . Using a LevelOne PoE repeater, it is possible to
extend the connection a further 100 meters, or even daisy-chain several PoE repeaters together for greater
distances. Dual 10/100Mbps ports can connect with other edge switches or NVR as uplink ports.
Key Features
- IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
- 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
- PoE on/off control per port by dip switches
- Total PoE power budget: 115W, up to 30W per port
- Simple Plug and Play installation
www.level1.com
Page 1 of 3


Similar Part No. - FGP-1000_16

ManufacturerPart #DatasheetDescription
logo
Level One
FGP-1000 LVL1-FGP-1000 Datasheet
499Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
More results

Similar Description - FGP-1000_16

ManufacturerPart #DatasheetDescription
logo
Level One
FGP-2410 LVL1-FGP-2410_16 Datasheet
869Kb / 4P
   26-Port Fast Ethernet PoE Switch, 2 x SFP/RJ45 Combo Gigabit, 802.3at PoE, 24 PoE Outputs, 240W
FGP-2412 LVL1-FGP-2412_16 Datasheet
822Kb / 4P
   26-Port Fast Ethernet PoE Switch, 2 x SFP/RJ45 Combo Gigabit, 802.3at PoE, 24 PoE Outputs, 480W
IES-0610 LVL1-IES-0610 Datasheet
1Mb / 4P
   6-Port Industrial Gigabit PoE Switch, 802.3at PoEplus, 4 PoE Outputs, 1 x SFP, 1 x SFP/RJ45 Combo, -40C to 75C, DIN-Rail
GEP-2671 LVL1-GEP-2671_16 Datasheet
455Kb / 5P
   26-Port L2 Managed Gigabit PoE Switch, 802.3at PoEplus, 24 PoE Outputs, 4 x SFP/RJ45 Combo, 2 x SFP, 185W
logo
ORing Industrial Networ...
IGPS-1082GP ORING-IGPS-1082GP Datasheet
319Kb / 5P
   Industrial 10-port unmanaged Gigabit PoE Ethernet switch
logo
Level One
GEP-2650 LVL1-GEP-2650 Datasheet
94Kb / 3P
   26-Port Web Smart Gigabit PoE Switch, 802.3at PoEplus, 24 PoE Outputs, 370W, 2 x SFP
GEP-5070 LVL1-GEP-5070 Datasheet
413Kb / 5P
   50-Port L2 Managed Gigabit PoE Switch, 802.3at PoEplus, 375W, 2 x SFP, 48 PoE Outputs
logo
ORing Industrial Networ...
TGPS-9164GT-M12 ORING-TGPS-9164GT-M12 Datasheet
4Mb / 7P
   20-port managed Gigabit PoE Ethernet switch
TGXPS-141GX-M12 ORING-TGXPS-141GX-M12 Datasheet
383Kb / 5P
   5-port unmanaged Gigabit PoE Ethernet switch
TGPS-1080-M12-BP2 ORING-TGPS-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com