Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGP-1000 Datasheet(PDF) 3 Page - Level One

Part # FGP-1000
Description  10-Port Fast Ethernet PoE Switch, 1 x RJ45 Gigabit, 1 x SFP Gigabit, 9 PoE Outputs, 115W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FGP-1000 Datasheet(HTML) 3 Page - Level One

  FGP-1000_16 Datasheet HTML 1Page - Level One FGP-1000_16 Datasheet HTML 2Page - Level One FGP-1000_16 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Deployment:
Desktop
Physical Specifications
Dimensions (W x D x H mm):
188 x 118 x 38 mm
Weight (g):
1200g
Others
Approval and Compliance:
FCC, CE, RoHS
Diagram
Order Information
FGP-1000
Package Contents
FGP-1000
Power Adapter
User Manual
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 3 of 3


Similar Part No. - FGP-1000_16

ManufacturerPart #DatasheetDescription
logo
Level One
FGP-1000 LVL1-FGP-1000 Datasheet
499Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
More results

Similar Description - FGP-1000_16

ManufacturerPart #DatasheetDescription
logo
Level One
FGP-2410 LVL1-FGP-2410_16 Datasheet
869Kb / 4P
   26-Port Fast Ethernet PoE Switch, 2 x SFP/RJ45 Combo Gigabit, 802.3at PoE, 24 PoE Outputs, 240W
FGP-2412 LVL1-FGP-2412_16 Datasheet
822Kb / 4P
   26-Port Fast Ethernet PoE Switch, 2 x SFP/RJ45 Combo Gigabit, 802.3at PoE, 24 PoE Outputs, 480W
IES-0610 LVL1-IES-0610 Datasheet
1Mb / 4P
   6-Port Industrial Gigabit PoE Switch, 802.3at PoEplus, 4 PoE Outputs, 1 x SFP, 1 x SFP/RJ45 Combo, -40C to 75C, DIN-Rail
GEP-2671 LVL1-GEP-2671_16 Datasheet
455Kb / 5P
   26-Port L2 Managed Gigabit PoE Switch, 802.3at PoEplus, 24 PoE Outputs, 4 x SFP/RJ45 Combo, 2 x SFP, 185W
logo
ORing Industrial Networ...
IGPS-1082GP ORING-IGPS-1082GP Datasheet
319Kb / 5P
   Industrial 10-port unmanaged Gigabit PoE Ethernet switch
logo
Level One
GEP-2650 LVL1-GEP-2650 Datasheet
94Kb / 3P
   26-Port Web Smart Gigabit PoE Switch, 802.3at PoEplus, 24 PoE Outputs, 370W, 2 x SFP
GEP-5070 LVL1-GEP-5070 Datasheet
413Kb / 5P
   50-Port L2 Managed Gigabit PoE Switch, 802.3at PoEplus, 375W, 2 x SFP, 48 PoE Outputs
logo
ORing Industrial Networ...
TGPS-9164GT-M12 ORING-TGPS-9164GT-M12 Datasheet
4Mb / 7P
   20-port managed Gigabit PoE Ethernet switch
TGXPS-141GX-M12 ORING-TGXPS-141GX-M12 Datasheet
383Kb / 5P
   5-port unmanaged Gigabit PoE Ethernet switch
TGPS-1080-M12-BP2 ORING-TGPS-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com