Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 33 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 33 Page - Analog Devices

Back Button ADIS16488A Datasheet HTML 27Page - Analog Devices ADIS16488A Datasheet HTML 28Page - Analog Devices ADIS16488A Datasheet HTML 29Page - Analog Devices ADIS16488A Datasheet HTML 30Page - Analog Devices ADIS16488A Datasheet HTML 31Page - Analog Devices ADIS16488A Datasheet HTML 32Page - Analog Devices ADIS16488A Datasheet HTML 33Page - Analog Devices ADIS16488A Datasheet HTML 34Page - Analog Devices ADIS16488A Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
ADIS16488A
Rev. C | Page 33 of 35
APPLICATIONSINFORMATION
MOUNTING BEST PRACTICES
MOUNTING SCREWS
M2 × 0.4mm, 4×
WASHERS (OPTIONAL)
M2, 4×
ADIS16488A
WASHERS (OPTIONAL)
M2, 4×
NUTS
M2 × 0.4mm, 4×
MATING CONNECTOR
CLM-112-02
PCB
PASS-THROUGH HOLES
DIAMETER
≥ 2.85mm
SPACERS/WASHERS
SUGGESTED, 4×
Figure 26. Mounting Example
For best performance,follow these simple rules when installing
the ADIS16488A into a system:
1. Eliminate opportunity fortranslational force (x- and y-axis
direction,perFigure6)application ontheelectrical connector.
2. Isolate mounting force to the fourcorners, on the portion
of the package surface that surrounds the mounting holes.
3. Use uniform mounting forces on all four corners. The
suggested torquesetting is 40 inch-ounces (0.285 N-m).
These three rules helpprevent irregularforce profiles, which
can warp the package and introducebias errorsin the sensors.
Figure 26 provides an example that leverageswashersto set the
package offthemounting surfaceand uses 2.85 mmpass-through
holes and backside washers/nuts forattachment. Figure27 and
Figure 28 provide somedetailsformounting holeand connector
alignment pin drill locations.
For more information on mounting the ADIS16488A, seethe
AN-1295 Application Note.
DEVICE
OUTLINE
19.800 BSC
39.600 BSC
5 BSC
5 BSC
NOTES
1. ALL DIMENSIONS IN mm UNITS.
2. IN THIS CONFIGURATION, THE CONNECTOR IS FACING DOWN AND
ITS PINS ARE NOT VISIBLE.
0.560 BSC 2×
ALIGNMENT HOLES
PASS-THROUGH HOLE
FOR MOUNTING SCREWS
DIAMETER OF THE HOLE
MUST ACCOMODATE
DIMENSIONAL TOLERANCE
BETWEEN THE CONNECTOR
AND HOLES.
FOR MATING SOCKET
Figure 27. Suggested PCB Layout Pattern, Connector Down


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
   Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
   Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com