Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 34 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 34 Page - Analog Devices

Back Button ADIS16488A Datasheet HTML 27Page - Analog Devices ADIS16488A Datasheet HTML 28Page - Analog Devices ADIS16488A Datasheet HTML 29Page - Analog Devices ADIS16488A Datasheet HTML 30Page - Analog Devices ADIS16488A Datasheet HTML 31Page - Analog Devices ADIS16488A Datasheet HTML 32Page - Analog Devices ADIS16488A Datasheet HTML 33Page - Analog Devices ADIS16488A Datasheet HTML 34Page - Analog Devices ADIS16488A Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
ADIS16488A
Data Sheet
Rev. C | Page 34 of 35
0.4334 [11.0]
0.0240 [0.610]
0.019685
[0.5000]
(TYP)
0.054 [1.37]
0.0394 [1.00]
0.0394 [1.00]
0.1800
[4.57]
NONPLATED
THRU HOLE 2×
0.022±
DIA (TYP)
0.022 DIA THRU HOLE (TYP)
NONPLATED THRU HOLE
Figure 28. Suggested Layout and Mechanical Design When Using Samtec
P/N CLM-112-02-G-D-A for the Mating Connector
EVALUATIONTOOLS
Breakout Board, ADIS16IMU1/PCBZ
The ADIS16IMU1/PCBZ (sold separately)providesa breakout
board function for the ADIS16488A, which meansthatit provides
access to theADIS16488A through larger connectors that support
standard 1 mm ribbon cabling. It also provides fourmounting
holes for attachment ofthe ADIS16488Ato the breakout board.
PC-Based Evaluation, EVAL-ADIS
The EVAL-ADIS provides the systemsupportPC-based evaluation
of the ADIS16488A.
POWER SUPPLY CONSIDERATIONS
The ADIS16488A hasapproximately 24 μFofcapacitance across
the VDDandGNDpins.Whereas this capacitorbankprovidesa
large amount of localized filtering,it alsopresentsan opportunity
for excessivechargingcurrent when theVDDvoltage rampstoo
quickly. Use thefollowingrelationship tohelpdetermine the
appropriateVDDvoltageprofile, withrespect toany current-limit
functions that can causethepowersupplyto loseregulation and
potentiallyintroduce unsafeconditions fortheADIS16488A.
( )
dt
dV
C
t
i
=
In addition tomanaging theinitial voltageramp,takenoteofthe
transientcurrent demandthattheADIS16488A requiresduringits
start-up/selfinitializationprocess.When VDDreaches 2.85 V, the
ADIS16488A begins itsstart-upprocess. Figure29 offers a broad
perspectivethat showswhento expect thespikesin current,
whereasFigure30 providesmoredetail on thecurrent/time
behaviorduringthepeaktransient condition, which typically
occurs approximately350 msafter VDDreaches2.85 V.
CH1 2.00V
CH4 100mA Ω
1M POINTS
1.00ms 1.00MS/s
CH1
2.72V
T 9.800%
1
4
T
VDD
CURRENT
Figure 29. Transient Current Demand, Start Up
CH4 100mA Ω
1M POINTS
1.00ms 1.00MS/s
CH1
2.72V
T 9.800%
4
T
CURRENT
Figure 30. Transient Current Demand, Peak Demand


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com