Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 5 Page - Analog Devices

  ADIS16488A Datasheet HTML 1Page - Analog Devices ADIS16488A Datasheet HTML 2Page - Analog Devices ADIS16488A Datasheet HTML 3Page - Analog Devices ADIS16488A Datasheet HTML 4Page - Analog Devices ADIS16488A Datasheet HTML 5Page - Analog Devices ADIS16488A Datasheet HTML 6Page - Analog Devices ADIS16488A Datasheet HTML 7Page - Analog Devices ADIS16488A Datasheet HTML 8Page - Analog Devices ADIS16488A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
ADIS16488A
Rev. C | Page 5 of 35
TIMING SPECIFICATIONS
TC = 25°C, VDD = 3.3 V, unless otherwise noted.
Table 2.
Normal Mode
Parameter
Description
Min1
Typ
Max1
Unit
fSCLK
Serial clock
0.01
15
MHz
tSTALL2
Stall period between data
2
µs
tCLS
Serial clock low period
31
ns
tCHS
Serial clock high period
31
ns
t
CS
Chip select to clock edge
32
ns
tDAV
DOUT valid after SCLK edge
10
ns
tDSU
DIN setup time beforeSCLK risingedge
2
ns
tDHD
DIN hold time after SCLK rising edge
2
ns
tDR, tDF
DOUT rise/fall times, ≤100 pF loading
3
8
ns
tDSOE
CS assertion to data out active
0
11
ns
tHD
SCLK edge to data out invalid
0
ns
tSFS
Last SCLK edge to CS deassertion
32
ns
tDSHI
CS deassertion to data out high impedance
0
9
ns
t1
Input sync pulse width
5
µs
t2
Input sync to data invalid
490
µs
t3
Input sync period
417
µs
1
Guaranteed by design and characterization, but not tested in production.
2
See Table 3 for exceptions to the stall time rating
Table 3. Register SpecificStall Times
Register
Function
Minimum Stall Time (μs)
FNCTIO_CTRL
Configure DIOx functions
15
FLTR_BNK0
Enable/select FIR filter banks
10
FLTR_BNK1
Enable/select FIR filter banks
10
NULL_CFG
Configure autonull bias function
10
GLOB_CMD[1]
Self-test
12,000
GLOB_CMD[2]
Flash memory test
50,000
GLOB_CMD[3]
Flash memory update
375,000
GLOB_CMD[6]
Factory calibration restore
75,000
GLOB_CMD[7]
Software reset
120,000


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com