Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 1 Page - Analog Devices

  ADIS16488A Datasheet HTML 1Page - Analog Devices ADIS16488A Datasheet HTML 2Page - Analog Devices ADIS16488A Datasheet HTML 3Page - Analog Devices ADIS16488A Datasheet HTML 4Page - Analog Devices ADIS16488A Datasheet HTML 5Page - Analog Devices ADIS16488A Datasheet HTML 6Page - Analog Devices ADIS16488A Datasheet HTML 7Page - Analog Devices ADIS16488A Datasheet HTML 8Page - Analog Devices ADIS16488A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Tactical Grade, Ten Degrees of Freedom
Inertial Sensor
Data Sheet
ADIS16488A
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Triaxial, digital gyroscope, ±450°/sec dynamic range
±0.05° orthogonal alignment error
5.1°/hr in-run bias stability
0.26°/√hr angular random walk
0.01% nonlinearity
Triaxial, digital accelerometer, ±18 g
Triaxial, delta angle and delta velocity outputs
Triaxial, digital magnetometer, ±2.5 gauss
Digital pressure sensor, 300 mbar to 1100 mbar
Fast start-up time, ~500 ms
Factory-calibrated sensitivity, bias, and axial alignment
Calibration temperature range: −40°C to +85°C
SPI-compatible serial interface
Embedded temperature sensor
Programmable operation and control
Automatic and manual bias correction controls
4 FIR filter banks, 120 configurable taps
Digital input/output: data-ready alarm indicator,
external clock
Alarms for condition monitoring
Power-down/sleep mode for power management
Optional external sample clock input: up to 2.4 kHz
Single command self test
Single-supply operation: 3.0 V to 3.6 V
2000 g shock survivability
Operating temperature range: −55°C to +105°C (CML)
APPLICATIONS
Platform stabilization and control
Navigation
Personnel tracking
Instrumentation
Robotics
GENERAL DESCRIPTION
The ADIS16488A iSensor® device is a complete inertial system
that includes a triaxis gyroscope, a triaxis accelerometer, triaxis
magnetometer, and pressure sensor. Each inertial sensor in the
ADIS16488A combines industry-leading iMEMS® technology
with signal conditioning that optimizes dynamic performance.
The factory calibration characterizes each sensor for sensitivity,
bias, alignment, and linear acceleration (gyroscope bias). As a
result, each sensor has its own dynamic compensation formulas that
provide accurate sensor measurements.
The ADIS16488A provides a simple, cost-effective method for
integrating accurate, multiaxis inertial sensing into industrial
systems, especially when compared with the complexity and
investment associated with discrete designs. All necessary motion
testing and calibration are part of the production process at the
factory, greatly reducing system integration time. Tight orthogonal
alignment simplifies inertial frame alignment in navigation systems.
The SPI and register structure provide a simple interface for
data collection and configuration control.
The ADIS16488A uses the same footprint and connector system as
the ADIS16375, ADIS16480, and ADIS16485, which greatly
simplifies the upgrade process. The ADIS16488A is packaged in
a module that is approximately 47 mm × 44 mm × 14 mm and
includes a standard connector interface.
FUNCTIONAL BLOCK DIAGRAM
CONTROLLER
CLOCK
TRIAXIAL
GYRO
TRIAXIAL
ACCEL
POWER
MANAGEMENT
CS
SCLK
DIN
DOUT
GND
VDD
TEMP
VDD
DIO1 DIO2 DIO3 DIO4
VDDRTC
RST
SPI
TRIAXIAL
MAGN
PRESSURE
SELF TEST
I/O
ALARMS
OUTPUT
DATA
REGISTERS
USER
CONTROL
REGISTERS
CALIBRATION
AND
FILTERS
ADIS16488A
Figure 1.


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com