Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS16488A Datasheet HTML 6Page - Analog Devices ADIS16488A Datasheet HTML 7Page - Analog Devices ADIS16488A Datasheet HTML 8Page - Analog Devices ADIS16488A Datasheet HTML 9Page - Analog Devices ADIS16488A Datasheet HTML 10Page - Analog Devices ADIS16488A Datasheet HTML 11Page - Analog Devices ADIS16488A Datasheet HTML 12Page - Analog Devices ADIS16488A Datasheet HTML 13Page - Analog Devices ADIS16488A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
ADIS16488A
Data Sheet
Rev. C | Page 10 of 35
THEORY OF OPERATION
The ADIS16488A is an autonomous sensorsystem that self
starts when it has a valid power supply. Afterrunning throughits
initialization process, it begins sampling, processing, and
loading calibrated sensordata into the outputregisters, which
are accessibleusingtheSPIport.TheSPIporttypicallyconnects to
a compatible port on an embedded processor, using the connec-
tions as shown in Figure11.
The fourSPIsignalsfacilitatesynchronous, serial datacommuni-
cation. Connect the reset line (RST)to VDD or do not connect
it to anything for normal operation. The factory default
configuration providesuserswith a data readysignal on the
DIO2 pin, which pulses high when new data is available in the
output data registers.
SYSTEM
PROCESSOR
SPI MASTER
SCLK
CS
DIN
DOUT
SCLK
SS
MOSI
MISO
+3.3V
IRQ
DIO2
VDD
I/O LINES ARE COMPATIBLE WITH
3.3V LOGIC LEVELS
10
6
3
5
4
9
11
12
23
13
14
15
ADIS16488A
Figure 11. Electrical Connection Diagram
Table 7. GenericMaster Processor PinNames and Functions
Mnemonic
Function
SS
Slave select
IRQ
Interrupt request
MOSI
Master output, slave input
MISO
Master input, slave output
SCLK
Serial clock
Embedded processorstypicallyusecontrol registersto configure
their serial ports for communicating with SPIslave devices,
such as the ADIS16488A. Table 8 provides a list of settings
describing the SPI protocol of the ADIS16488A. The initializa-
tion routine of the master processor typically establishesthese
settingsusing firmware commands to write theminto its serial
control registers.
Table 8. GenericMaster Processor SPI Settings
Processor Setting
Description
Master
The ADIS16488A operates as a slave
SCLK ≤ 15 MHz
Maximum serial clock rate
SPI Mode 3
CPOL = 1 (polarity), and CPHA = 1 (phase)
MSB-First Mode
Bit sequence
16-Bit Mode
Shift register/data length
REGISTER STRUCTURE
The register structureand SPIport providea bridge between
the sensor processing system and an external, master processor.
It contains both output data andcontrol registers. The output
data registersincludethelatestsensor data, areal-timeclock, error
flags, alarm flags, and identification data. The control registers
include sample rate, filtering, input/output,alarms, calibration,
and diagnosticconfiguration options. All communication
between the ADIS16488A and an external processorinvolves
either reading or writing to one of the user registers.
DSP
OUTPUT
REGISTERS
CONTROL
REGISTERS
TRIAXIS
GYRO
TRIAXIS
MAGN
BARO
TEMP
SENSOR
CONTROLLER
TRIAXIS
ACCEL
Figure 12. Basic Operation
The register structureuses a paged addressing schemethat is
composed of 13 pages, with each pagecontaining 64 register
locations. Each register is 16 bits wide, with each byte having its
own unique addresswithin the memory mapof that page. The
SPI port has access to one page at a time, using the bit sequence
shown in Figure 13.
Select the page to activate for SPIaccess by writing its code to
the PAGE_ID register. Read the PAGE_IDregister to determine
which page is currently active. Table 9 displays the PAGE_ID
contents foreach page,together withtheirbasicfunctions. The
PAGE_ID registeris locatedat Address0x00 on every page.
Table 9. User Register Page Assignments
Page
PAGE_ID
Function
0
0x00
Output data, clock, identification
1
0x01
Reserved
2
0x02
Calibration
3
0x03
Control: sample rate, filtering, input/output,
alarms
4
0x04
Serial number
5
0x05
FIR Filter Bank A, Coefficient 0 to Coefficient 59
6
0x06
FIR Filter Bank A, Coefficient 60 to Coefficient 119
7
0x07
FIR Filter Bank B, Coefficient 0 to Coefficient 59
8
0x08
FIR Filter Bank B, Coefficient 60 to Coefficient 119
9
0x09
FIR Filter Bank C, Coefficient 0 to Coefficient 59
10
0x0A
FIR Filter Bank C, Coefficient 60 to Coefficient 119
11
0x0B
FIR Filter Bank D, Coefficient 0 to Coefficient 59
12
0x0C
FIR Filter Bank D, Coefficient 60 to Coefficient 119
SPI COMMUNICATION
If the previouscommandwasa read request, theSPIport supports
full duplex communication,which enablesexternal processorsto
write to DIN while reading DOUT (see Figure13). Figure 13
provides a guideline for the bit coding on both DIN and DOUT.


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com