Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16488A Datasheet HTML 10Page - Analog Devices ADIS16488A Datasheet HTML 11Page - Analog Devices ADIS16488A Datasheet HTML 12Page - Analog Devices ADIS16488A Datasheet HTML 13Page - Analog Devices ADIS16488A Datasheet HTML 14Page - Analog Devices ADIS16488A Datasheet HTML 15Page - Analog Devices ADIS16488A Datasheet HTML 16Page - Analog Devices ADIS16488A Datasheet HTML 17Page - Analog Devices ADIS16488A Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
ADIS16488A
Data Sheet
Rev. C | Page 14 of 35
Name
R/W1
Flash
PAGE_ID
Address
Default
Register Description
Format
XG_ALM_MAGN
R/W
Yes
0x03
0x28
0x0000
Alarm, x-axis gyroscope thresholdsetting
Table 101
YG_ALM_MAGN
R/W
Yes
0x03
0x2A
0x0000
Alarm, y-axis gyroscope threshold setting
Table 102
ZG_ALM_MAGN
R/W
Yes
0x03
0x2C
0x0000
Alarm, z-axis gyroscope threshold setting
Table 103
XA_ALM_MAGN
R/W
Yes
0x03
0x2E
0x0000
Alarm, x-axis accelerometer threshold
Table 104
YA_ALM_MAGN
R/W
Yes
0x03
0x30
0x0000
Alarm, y-axis accelerometer threshold
Table 105
ZA_ALM_MAGN
R/W
Yes
0x03
0x32
0x0000
Alarm, z-axis accelerometer threshold
Table 106
XM_ALM_MAGN
R/W
Yes
0x03
0x34
0x0000
Alarm, x-axis magnetometer threshold
Table 107
YM_ALM_MAGN
R/W
Yes
0x03
0x36
0x0000
Alarm, y-axis magnetometer threshold
Table 108
ZM_ALM_MAGN
R/W
Yes
0x03
0x38
0x0000
Alarm, z-axis magnetometer threshold
Table 109
BR_ALM_MAGN
R/W
Yes
0x03
0x3A
0x0000
Alarm, barometer threshold setting
Table 110
Reserved
N/A
N/A
0x03
0x3C to 0x76
N/A
Reserved
N/A
FIRM_REV
R
Yes
0x03
0x78
N/A
Firmware revision
Table 51
FIRM_DM
R
Yes
0x03
0x7A
N/A
Firmware programming date: day/month
Table 52
FIRM_Y
R
Yes
0x03
0x7C
N/A
Firmware programming date: year
Table 53
Reserved
N/A
N/A
0x03
0x7E
N/A
Reserved
N/A
Reserved
N/A
N/A
0x04
0x00 to 0x18
N/A
Reserved
N/A
SERIAL_NUM
R
Yes
0x04
0x20
N/A
Serial number
Table 55
Reserved
N/A
N/A
0x04
0x22 to 0x7F
N/A
Reserved
N/A
PAGE_ID
R/W
No
0x05
0x00
0x0000
Page identifier
N/A
FIR_COEF_Axxx
R/W
Yes
0x05
0x02 to 0x7E
N/A
FIR Filter Bank A, Coefficient 0 throughCoefficient 59
Table 60
PAGE_ID
R/W
No
0x06
0x00
0x0000
Page identifier
N/A
FIR_COEF_Axxx
R/W
Yes
0x06
0x02 to 0x7E
N/A
FIR Filter Bank A, Coefficient 60 through
Coefficient 119
Table 60
PAGE_ID
R/W
No
0x07
0x00
0x0000
Page identifier
N/A
FIR_COEF_Bxxx
R/W
Yes
0x07
0x02 to 0x7E
N/A
FIR Filter Bank B, Coefficient 0 throughCoefficient 59
Table 61
PAGE_ID
R/W
No
0x08
0x00
0x0000
Page identifier
N/A
FIR_COEF_Bxxx
R/W
Yes
0x08
0x02 to 0x7E
N/A
FIR Filter Bank B, Coefficient 60 through
Coefficient 119
Table 61
PAGE_ID
R/W
No
0x09
0x00
0x0000
Page identifier
N/A
FIR_COEF_Cxxx
R/W
Yes
0x09
0x02 to 0x7E
N/A
FIR Filter Bank C, Coefficient0 throughCoefficient59
Table 62
PAGE_ID
R/W
No
0x0A
0x00
0x0000
Page identifier
N/A
FIR_COEF_Cxxx
R/W
Yes
0x0A
0x02 to 0x7E
N/A
FIR Filter Bank C, Coefficient 60 through
Coefficient 119
Table 62
PAGE_ID
R/W
No
0x0B
0x00
0x0000
Page identifier
N/A
FIR_COEF_Dxxx
R/W
Yes
0x0B
0x02 to 0x7E
N/A
FIR Filter Bank D, Coefficient 0 through Coefficient 59
Table 63
PAGE_ID
R/W
No
0x0C
0x00
0x0000
Page identifier
N/A
FIR_COEF_Dxxx
R/W
Yes
0x0C
0x02 to 0x7E
N/A
FIR Filter Bank D, Coefficient 60 through
Coefficient 119
Table 63
1
R is read only, W is write only, R/W is read and write, and N/A means not applicable.
2
The GPIO_CTRL[7:4] bits reflect the logic levels on the DIOx lines and do not have a default setting.


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com