Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 15 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIS16488A Datasheet HTML 11Page - Analog Devices ADIS16488A Datasheet HTML 12Page - Analog Devices ADIS16488A Datasheet HTML 13Page - Analog Devices ADIS16488A Datasheet HTML 14Page - Analog Devices ADIS16488A Datasheet HTML 15Page - Analog Devices ADIS16488A Datasheet HTML 16Page - Analog Devices ADIS16488A Datasheet HTML 17Page - Analog Devices ADIS16488A Datasheet HTML 18Page - Analog Devices ADIS16488A Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
ADIS16488A
Rev. C | Page 15 of 35
OUTPUT DATA REGISTERS
After theADIS16488Acompletesits start-up process, the
PAGE_ID registercontains 0x0000, which sets Page 0 as the
active page for SPIaccess. Page 0 contains the output data, real-
time clock, status, and product identification registers.
INERTIAL SENSOR DATA FORMAT
The gyroscope, accelerometer, deltaangle, deltavelocity, and
barometeroutput dataregistersuse a 32-bit, twos complement
format. Each output uses tworegisters tosupportthis resolution.
Figure 18 provides an example of howeach register contributes
to each inertial measurement. In this case, X_GYRO_OUT is the
most significant word(upper 16 bits),andX_GYRO_LOW is the
least significant word (lower 16 bits). In many cases, using the
most significant wordregistersaloneprovidessufficientresolution
for preserving key performancemetrics.
X-AXIS GYROSCOPE DATA
0 15
15
0
X_GYRO_OUT
X_GYRO_LOW
Figure 18. Gyroscope Output Format Example, DEC_RATE > 0
The arrows in Figure 19 represent the direction of the motion,
which produces a positive output response in the output register
of each sensor. Theaccelerometersrespondto both dynamicand
staticforces associated with acceleration, including gravity.When
lying perfectlyflat, asshown in Figure 19,thez-axis accelerometer
output is 1 g, and thex and y accelerometers are0 g.
ROTATIONRATE (GYROSCOPE)
The registers that usethe x_GYRO_OUT formataretheprimary
registersforthegyroscopemeasurements(seeTable11, Table12,
and Table 13). Whenprocessing datafromtheseregisters, use a
16-bit, twos complement data format. Table 14 provides
x_GYRO_OUTdigital coding examples.
Table 11. X_GYRO_OUT (Page 0, Base Address = 0x12)
Bits
Description
[15:0]
X-axis gyroscope data; twos complement,
±450°/sec range, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 12. Y_GYRO_OUT (Page0, Base Address = 0x16)
Bits
Description
[15:0]
Y-axis gyroscope data; twos complement,
±450°/sec range, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 13. Z_GYRO_OUT (Page 0, Base Address = 0x1A)
Bits
Description
[15:0]
Z-axis gyroscope data; twos complement,
±450°/sec range, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 14. x_GYRO_OUT Data FormatExamples
Rotation Rate
Decimal
Hex
Binary
+450°/sec
+22,500
0x57E4
0101 0111 1110 0100
+0.04/sec
+2
0x0002
0000 0000 0000 0010
+0.02°/sec
+1
0x0001
0000 0000 0000 0001
0°/sec
0
0x0000
0000 0000 0000 0000
−0.02°/sec
−1
0xFFFF
1111 1111 1111 1111
−0.04°/sec
−2
0xFFFE
1111 1111 1111 1110
−450°/sec
−22,500
0xA81C
1010 1000 0001 1100
The registers that usethe x_GYRO_LOWnaming format provide
additional resolution for the gyroscope measurements (see
Table 15, Table 16, and Table 17). The MSB has a weight of
0.01°/sec, and each subsequent bit has ½ the weight of the
previous one.
Table 15. X_GYRO_LOW(Page 0, Base Address = 0x10)
Bits
Description
[15:0]
X-axis gyroscope data; additional resolution bits
Table 16. Y_GYRO_LOW (Page0, Base Address = 0x14)
Bits
Description
[15:0]
Y-axis gyroscope data; additional resolution bits
Table 17. Z_GYRO_LOW(Page 0, Base Address = 0x18)
Bits
Description
[15:0]
Z-axis gyroscope data; additionalresolution bits
PIN 1
PIN 23
aY
mY
gY
Y-AXIS
gX
X-AXIS
aX
mX
Z-AXIS
aZ
mZ
gZ
Figure 19. Inertial Sensor Direction Reference Diagram


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com