Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16488A Datasheet HTML 17Page - Analog Devices ADIS16488A Datasheet HTML 18Page - Analog Devices ADIS16488A Datasheet HTML 19Page - Analog Devices ADIS16488A Datasheet HTML 20Page - Analog Devices ADIS16488A Datasheet HTML 21Page - Analog Devices ADIS16488A Datasheet HTML 22Page - Analog Devices ADIS16488A Datasheet HTML 23Page - Analog Devices ADIS16488A Datasheet HTML 24Page - Analog Devices ADIS16488A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
ADIS16488A
Rev. C | Page 21 of 35
DIGITAL SIGNAL PROCESSING
GYROSCOPES/ACCELEROMETERS
Figure 20 providesa signal flowdiagramforall of the compo-
nents and settings that influence the frequency responsefor
the accelerometers and gyroscopes. The sampleratefor each
accelerometer and gyroscopeis 9.84 kHz. Each sensor has
its own averaging/decimation filter stage, which reduces the
update rateto 2.46 kSPS. When usingthe external clockoption
(FNCTIO_CTRL[7:4], see Table 118), the input clockdrives a
four-sample burst at a sample rateof 9.84 kSPS, which feeds
into the 4× averaging/decimation filter. This results in a data
rate that is equal to the input clockfrequency.
AVERAGING/DECIMATIONFILTER
The DEC_RATEregister (seeTable 56)providesusercontrol for
the final filter stage(seeFigure20), which averagesand decimates
the accelerometers, gyroscopes, delta angle,anddeltavelocity data.
The output samplerateis equal to2460/(DEC_RATE+1).
When using theexternal clockoption(FNCTIO_CTRL[7:4], see
Table 118), replace the 2460number in thisrelationship withthe
input clockfrequency. Forexample, turnto Page3 (DIN= 0x8003),
and set DEC_RATE=0x18 (DIN= 0x8C18, thenDIN= 0x8D00)
to reduce the output sample rateto 98.4 SPS (2460 ÷ 25).
Table 56. DEC_RATE (Page3, Base Address = 0x0C)
Bits
Description (Default = 0x0000)
[15:11]
Don’t care
[10:0]
Decimation rate, binary format, maximum = 2047, see
Figure 20 for impact on sample rate
MAGNETOMETER/BAROMETER
When using the internal sampling clock, the magnetometer
output registers (x_MAGN_OUT)updateat a rate of 102.5 SPS
and the barometer output registers (BAROM_xxx)updateat a
rate of 51.25 SPS. When using the external clock, the magnet-
ometersupdateat a rateof 1/24th of the input clock frequency
and the barometers updateat a rate that is 1/48th of the input
clock frequency.
The update rates for themagnetometer and barometers do not
change withtheDEC_RATEregister settings.SYS_E_FLAG[9:8]
(see Table 48)offers new data indicator bits thatindicate fresh,
unreaddatais in the x_MAGN_OUT and BAROM_xxx registers.
The SEQ_CNT register provides a counterfunction to help
determine when there is new data in the magnetometer and
barometerregisters.
When SEQ_CNT = 0x0001, there is new data in the magne-
tometer and barometer output registers. During initialization, the
SEQ_CNT register helpsto synchronize read loopsfor new data in
both magnetometerand barometer outputs.When beginning a
continuousreadloop, readSEQ_CNT,then subtract this value
from the maximumvalue shown (range)in Table 57 to predict
the number of internal samplecycles until both magnetometer
and barometerregisterscontain new data samples.
Table 57. SEQ_CNT (Page0, Base Address = 0x06)
Bits
Description
[15:11]
Don’t care
[6:0]
Binary counter: range = 1 to 48/(DEC_RATE + 1)
MEMS
SENSOR
330Hz
÷4
2.46kHz, fs
GYROSCOPE
2-POLE: 404Hz, 757Hz
ACCELEROMETER
1-POLE: 330Hz
AVERAGE
DECIMATION
FILTER
SELECTABLE
FIR FILTER BANK
FILTR_BNK_0
FILTR_BNK_1
AVERAGE/DECIMATION FILTER
D = DEC_RATE[10:0] + 1
1
4
4
÷D
1
D
D
FIR
FILTER
BANK
fs
INTERNAL
CLOCK
9.84kHz
DIOx
OPTIONAL INPUT CLOCK
FNCTIO_CTRL[7] = 1
fs < 2400Hz
NOTES
1. WHEN FNCTIO_CTRL[7] = 1, EACH CLOCK PULSE ON THE DESIGNATED DIOx LINE (FNCTIO_CTRL[5:4]) STARTS A 4-SAMPLE BURST,
AT A SAMPLE RATE OF 9.84kHz. THESE FOUR SAMPLES FEED INTO THE 4x AVERAGE/DECIMATION FILTER, WHICH PRODUCES A
DATA RATE THAT IS EQUAL TO THE INPUT CLOCK FREQUENCY.
Figure 20. Sampling and Frequency Response Signal Flow


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com