Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 23 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIS16488A Datasheet HTML 19Page - Analog Devices ADIS16488A Datasheet HTML 20Page - Analog Devices ADIS16488A Datasheet HTML 21Page - Analog Devices ADIS16488A Datasheet HTML 22Page - Analog Devices ADIS16488A Datasheet HTML 23Page - Analog Devices ADIS16488A Datasheet HTML 24Page - Analog Devices ADIS16488A Datasheet HTML 25Page - Analog Devices ADIS16488A Datasheet HTML 26Page - Analog Devices ADIS16488A Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
ADIS16488A
Rev. C | Page 23 of 35
Table 62. Filter Bank C Memory Map
Page
PAGE_ID
Address
Register
9
0x09
0x00
PAGE_ID
9
0x09
0x02 to 0x07
Not used
9
0x09
0x08
FIR_COEF_C000
9
0x09
0x0A
FIR_COEF_C001
9
0x09
0x0C to 0x7C
FIR_COEF_C002 to
FIR_COEF_C058
9
0x09
0x7E
FIR_COEF_C059
10
0x0A
0x00
PAGE_ID
10
0x0A
0x02 to 0x07
Not used
10
0x0A
0x08
FIR_COEF_C060
10
0x0A
0x0A
FIR_COEF_C061
10
0x0A
0x0C to 0x7C
FIR_COEF_C062 to
FIR_COEF_C118
10
0x0A
0x7E
FIR_COEF_C119
Table 63. Filter Bank D Memory Map
Page
PAGE_ID
Address
Register
11
0x0B
0x00
PAGE_ID
11
0x0B
0x02 to 0x07
Not used
11
0x0B
0x08
FIR_COEF_D000
11
0x0B
0x0A
FIR_COEF_D001
11
0x0B
0x0C to 0x7C
FIR_COEF_D002 to
FIR_COEF_D058
11
0x0B
0x7E
FIR_COEF_D059
12
0x0C
0x00
PAGE_ID
12
0x0C
0x02 to 0x07
Not used
12
0x0C
0x08
FIR_COEF_D060
12
0x0C
0x0A
FIR_COEF_D061
12
0x0C
0x0C to 0x7C
FIR_COEF_D062 to
FIR_COEF_D118
12
0x0C
0x7E
FIR_COEF_D119
Default Filter Performance
The FIR filter banks have factory-programmed filter designs. They
are all low-pass filters that have unity dc gain. Table 64 provides
a summary of each filter design, and Figure 21 shows the frequency
response characteristics. The phase delay is equal to ½ of the total
number of taps.
Table 64. FIR Filter Descriptions, Default Configuration
FIR Filter Bank
Taps
−3 dB Frequency (Hz)
A
120
310
B
120
55
C
32
275
D
32
63
NO FIR
FILTERING
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
200
400
600
800
1000
1200
FREQUENCY (Hz)
A
DC
B
Figure 21. FIR Filter Frequency Response Curves


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com